Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 3Page - Renesas Technology Corp P9242-R3 Datasheet HTML 4Page - Renesas Technology Corp P9242-R3 Datasheet HTML 5Page - Renesas Technology Corp P9242-R3 Datasheet HTML 6Page - Renesas Technology Corp P9242-R3 Datasheet HTML 7Page - Renesas Technology Corp P9242-R3 Datasheet HTML 8Page - Renesas Technology Corp P9242-R3 Datasheet HTML 9Page - Renesas Technology Corp P9242-R3 Datasheet HTML 10Page - Renesas Technology Corp P9242-R3 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
7
May 17, 2019
Pins
Name
Type
Function
22
OVP_CTL
Output
During the power transfer phase if an over-voltage has been detected on the VCOIL
pin, a logic HIGH output from this pin is used to scale down the voltage by driving the
external circuitry shown in Figure 30.
23
Q_DRV1
I/O
Control signal for the Q factor measurement circuit.
24
Q_DRV2
I/O
Control signal for the Q factor measurement circuit.
25, 26, 27, 28,
42, 43
RSV
Output
Reserved for internal use. Do not connect.
29
INT
����
Output
This pin transitions from HIGH to LOW when new data is available to be read.
The external MCU must reset the pin immediately after reading the user data. This
pin is in a push-pull configuration; add an external FET to make it an open-drain
connection.
30
GH_BRG2
Output
Gate driver output for the high-side FET of half bridge 2. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
31
BST_BRG2
Input
Bootstrap pin for half bridge 2. Connect an external capacitor from this pin to the
SW_BRG2 pin to generate a drive voltage higher than the input voltage.
32
SW_BRG2
Output
Switch node for half bridge 2.
33
GL_BRG2
Output
Gate driver output for the low-side FET of half bridge 2. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
35
GL_BRG1
Output
Gate driver output for the low-side FET of half bridge 1. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
36
SW_BRG1
Output
Switch node for half bridge 1.
37
BST_BRG1
Output
Bootstrap pin for half bridge 1. Connect an external capacitor from this pin to the
SW_BRG1 pin to generate a drive voltage higher than the input voltage.
38
GH_BRG1
Output
Gate driver output for the high-side FET of half bridge 1. Connect this pin to a series
12Ω resistor to the respective bridge FET gate.
39
DRV_VIN
Input
Input power supply for the internal gate drivers. Connect a 10µF capacitor from this
pin to ground.
40
VBRG_IN
Input
Bridge voltage input sense.
44
VDEM1
Input
High-pass filter input. Voltage demodulation pin for data packets based on coil
voltage variation; transmitted by the power receiver.
45
IDEMI
Input
High-pass filter input. Current demodulation pin for data packets based on coil current
variation; transmitted by the power receiver.
46
ISNS_OUT
Output
Input current sense output.
47
CSN
Input
Low-side input current sense (VBRIDGE).
48
CSP
Input
High-side input current sense (VIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com