Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 33 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 33 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 29Page - Renesas Technology Corp P9242-R3 Datasheet HTML 30Page - Renesas Technology Corp P9242-R3 Datasheet HTML 31Page - Renesas Technology Corp P9242-R3 Datasheet HTML 32Page - Renesas Technology Corp P9242-R3 Datasheet HTML 33Page - Renesas Technology Corp P9242-R3 Datasheet HTML 34Page - Renesas Technology Corp P9242-R3 Datasheet HTML 35Page - Renesas Technology Corp P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp P9242-R3 Datasheet HTML 37Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
33
May 17, 2019
Table 23. Outgoing User Data Registers
Address and Bit
Register Field Name
R/W
Default
Function and Description
0805HEX
Outgoing_User_Data_0 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
0806HEX
Outgoing_User_Data_1 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
0807HEX
Outgoing_User_Data_2 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
0808HEX
Outgoing_User_Data_3 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
0809HEX
Outgoing_User_Data_4 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
080AHEX
Outgoing_User_Data_5 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
080BHEX
Outgoing_User_Data_6 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
080CHEX
Outgoing_User_Data_7 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
080DHEX
Outgoing_User_Data_8 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
080EHEX
Outgoing_User_Data_9 RW
00HEX
The external MCU writes into this register the data it will send to the
P9221-R3.
Table 24. Incoming Data Header Register
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
080FHEX
Incoming_Number_of_Bytes
R
00HEX
Indicates number of incoming registers received
18HEX = Received 1 byte of user data
28HEX = Received 2 bytes of user data
38HEX = Received 3 bytes of user data
48HEX = Received 4 bytes of user data
58HEX = Received 5 bytes of user data
68HEX = Received 6 bytes of user data
78HEX = Received 7 bytes of user data
84HEX = Received 8 bytes of user data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com