Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp P9242-R3 Datasheet HTML 37Page - Renesas Technology Corp P9242-R3 Datasheet HTML 38Page - Renesas Technology Corp P9242-R3 Datasheet HTML 39Page - Renesas Technology Corp P9242-R3 Datasheet HTML 40Page - Renesas Technology Corp P9242-R3 Datasheet HTML 41Page - Renesas Technology Corp P9242-R3 Datasheet HTML 42Page - Renesas Technology Corp P9242-R3 Datasheet HTML 43Page - Renesas Technology Corp P9242-R3 Datasheet HTML 44Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 41 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
41
May 17, 2019
13. Package Outline Drawing
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/document/psc/48-vfqfpn-package-outline-drawing-60-x-60-x-090-mm-body-epad-42-x-42-mm-040mm-pitch-ndg48p2
14. Special Notes: NDG 48-VFQFPN Package Assembly
Unopened dry packaged parts have a one-year shelf life.
The HIC indicator card for newly-opened dry packaged parts should be checked. If there is any moisture content, the parts must be baked for
a minimum of 8 hours at 125˚C within 24 hours prior to the assembly reflow process.
15. Marking Diagrams
IDTP9242
-R3NDGI
#YYWW$
LOT
Line 1: Company name and part number.
Line 2: -R3 is part of the part number, which is followed by the package code.
Line 3: “YYWW” is the last two digits of the year and two digits for the week that the part
was assembled. # is the device step. “$” denotes the mark code.
IDTP9242
-RBNDGI
#YYWW$
LOT
Line 1: Company name and part number.
Line 2: -RB is part of the part number, which is followed by the package code.
Line 3: “YYWW” is the last two digits of the year and two digits for the week that the part
was assembled. # is the device step. “$” denotes the mark code.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com