Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp P9242-R3 Datasheet HTML 37Page - Renesas Technology Corp P9242-R3 Datasheet HTML 38Page - Renesas Technology Corp P9242-R3 Datasheet HTML 39Page - Renesas Technology Corp P9242-R3 Datasheet HTML 40Page - Renesas Technology Corp P9242-R3 Datasheet HTML 41Page - Renesas Technology Corp P9242-R3 Datasheet HTML 42Page - Renesas Technology Corp P9242-R3 Datasheet HTML 43Page - Renesas Technology Corp P9242-R3 Datasheet HTML 44Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 40 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
40
May 17, 2019
Item Quantity
Reference
Value
Description
Part Number
PCB Footprint
44
1
R9
NP
RES SMD 100 OHM 5% 1/10W
0603
RC0603JR-07100RL
0603
45
2
R10, R12
390kΩ
RES SMD 390K OHM 5% 1/10W
0603
ERJ-3GEYJ394V
0603
46
1
R14
2.4kΩ
RES SMD 2.4K OHM 5% 1/10W
0402
ERJ-2GEJ242X
0402
47
2
R11, R35
200kΩ
RES SMD 200K OHM 1% 1/10W
0603
RC1608F204CS
0603
48
2
R15, R21
10Ω
RES SMD 10 OHM 1% 1/10W
0402
ERJ-2RKF10R0X
0402
49
1
R18
0.02Ω
RES SMD 0.02 OHM 1% 1/8W
0805
WSL0805R0200FEA
0805
50
4
R19, R22, R40, R44
NP
RES SMD 10K OHM 1% 1/10W
0402
RC0402FR-0710KL
0402
51
4
R25, R27, R28, R29
12Ω
RES SMD 12 OHM 5% 1/10W
0402
ERJ-2GEJ120X
0402
52
1
R33
3Ω
RES SMD 3 OHM 1% 1/8W 0805
RC0805FR-073RL
0805
53
1
R34
100kΩ
RES SMD 100K OHM 1% 1/10W
0603
ERJ-3EKF1003V
0603
54
2
R36, R37
0.1Ω
RES SMD 0.1 OHM 5% 1/6W 0402
ERJ-2BSJR10X
0402
55
2
R38, R39
0Ω
RES SMD 0.0 OHM JUMPER
1/10W
RC0402JR-070RL
0402
56
1
R45
220Ω
RES SMD 220 OHM 1% 0.4W
0805
RC1206FR-07220RL
1206
57
2
R46, R47
5.1kΩ
RES SMD 5.1K OHM 5% 1/16W
0402
MCR01MRTJ512
0402
58
1
U1
P9242-RB Medium Power Transmitter
P9242-RB
socketqfn_48_6x6_0p4
59
1
U2
W25X2
0CLUXI
G
SPIFLASH 2M-BIT 4KB UNIFORM
SECT
W25X20CLUXIG TR
uson_2x3_8LD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com