Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 34Page - Renesas Technology Corp P9242-R3 Datasheet HTML 35Page - Renesas Technology Corp P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp P9242-R3 Datasheet HTML 37Page - Renesas Technology Corp P9242-R3 Datasheet HTML 38Page - Renesas Technology Corp P9242-R3 Datasheet HTML 39Page - Renesas Technology Corp P9242-R3 Datasheet HTML 40Page - Renesas Technology Corp P9242-R3 Datasheet HTML 41Page - Renesas Technology Corp P9242-R3 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
38
May 17, 2019
12.4 Bill of Materials (BOM)
Table 27. P9242-R3-EVK Evaluation Kit V2.1 Bill of Materials
Item Quantity
Reference
Value
Description
Part Number
PCB Footprint
1
12
C1, C2, C3, C4, C13, C15,
C21, C26, C29, C30, C33,
C34
0.1µF
CAP CER 0.1µF 25V 10% X7R
0402
C1005X7R1E104K050BB
0402
2
7
C5, C14, C31, C37, C38,
C40, C41
10µF
CAP CER 10µF 25V 20% X5R
0603
C1608X5R1E106M080A
C
0603
3
4
C6, C12, C16, C27
1µF
CAP CER 1µF 25V 20% X5R 0402
C1005X5R1E105M050B
C
0402
4
2
C7, C9
56pF
CAP CER 56PF 50V NP0 0402
CL05C560JB5NNNC
0402
5
1
C8
6.8nF
CAP CER 6800PF 25V X7R 0402
GRM155R71E682KA01D
0402
6
2
C10, C11
22nF
0.022µF 50V Ceramic Capacitor
X7R 0603
GCM188R71H223KA37D
0603
7
1
C17
680pF
CAP CER 680PF 50V X7R 0402
CL05B681KB5NNNC
0402
8
1
C18
1nF
CAP CER 1000pF ±10% 50V X7R
0402
GRM155R71H102KA01D
0402
9
3
C19, C35, C39
5.6nF
5600pF 100V Ceramic Capacitor
C0G, NP0 0603
C1608C0G2A562J080AC
0603
10
1
C20
100nF
CAP CER 0.1µF 100V C0G 1206
C3216C0G2A104K160AC
1206
11
1
C22
22nF
CAP CER 0.022µF 50V 10% X7R
0402
GRM155R71H223KA12D
0402
12
1
C23
68nF
CAP CER 0.068µF 100V NP0 1206
C3216C0G2A683K160AC
1206
13
1
C24
47nF
CAP CER 0.047µF 100V NP0 1206
C3216C0G2A473J115AC
1206
14
1
C25
NP
CAP CER 10000PF 100V C0G
1206
C3216C0G2A103J115AA
1206
15
2
C28, C32
22µF
CAP CER 22µF 25V 20% X5R
1206
GRM31CR61E226KE15L
1206
16
1
C36
0.1µF
CAP CER 0.1µF 25V 10% X7R
0402
C1005X7R1E104K050BB
0402
17
1
C42
0.1µF
0.10µF 50V Ceramic Capacitor
X7R 0603
GRM188R71H104KA93D
0603
18
1
C43
1µF
1µF 25V Ceramic Capacitor X5R
0603
GRM188R61E105KA12D
0603
19
1
C44
4.7µF
4.7µF 25V Ceramic Capacitor X5R
0603
GRM188R61E475KE11D
0603
20
2
D1, D2
BAV21W DIODE GEN PURP 80V 125MA
DFN
BAV21W-7-F
sod123



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com