Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 10Page - Renesas Technology Corp P9242-R3 Datasheet HTML 11Page - Renesas Technology Corp P9242-R3 Datasheet HTML 12Page - Renesas Technology Corp P9242-R3 Datasheet HTML 13Page - Renesas Technology Corp P9242-R3 Datasheet HTML 14Page - Renesas Technology Corp P9242-R3 Datasheet HTML 15Page - Renesas Technology Corp P9242-R3 Datasheet HTML 16Page - Renesas Technology Corp P9242-R3 Datasheet HTML 17Page - Renesas Technology Corp P9242-R3 Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
14
May 17, 2019
7. Theory of Operation
A wireless power charging system has a base station with one or more transmitters that make power available via DC-to-AC inverter(s) and
transmit the power over a strongly-coupled inductor pair to a receiver in a mobile device. The amount of power transferred to the mobile device
is controlled by the wireless power receiver by sending communication packets to the transmitter to increase, decrease, or maintain the power
level. The communication from the receiver to the transmitter is purely binary and consists of logic 1’s and 0’s that ride on top of the power link
that exists between the transmitter (TX) and receiver (RX) coil. The communication from the transmitter to the receiver is achieved by frequency
shift keying (FSK) modulation over the power signal frequency, and amplitude shift keying (ASK) is used for the communication protocol from
the receiver to the transmitter.
A feature of the wireless charging system is the fact that when it is not delivering power, the transmitter is in Standby Mode. The transmitter
remains in Standby Mode and periodically pings until it detects the presence of a receiver. Once an Extended Power Profile Receiver is detected,
such as the P9221-R3 or equivalent, the transmitter will provide with up to 15W of output power. If a Baseline Power Profile Receiver is present,
the transmitter will deliver only up to 5W of output power.
The P9242-R3 contains features that ensure a high level of functionality and compliance with the WPC requirements, such as a power path
that efficiently achieves power transfer, a simple and robust communication demodulation circuit, safety and protection circuits, configuration,
and status indication circuits.
7.1 Foreign Object Detection (FOD)
When metallic objects, such as coins, keys, and paperclips, are exposed to alternating magnetic fields, the eddy current flowing through the
object will heat up. The amount of heat generated is a function of the amplitude and frequency of the magnetic field, as well as the characteristics
of the object, such as resistivity, size, and shape. In any wireless power system, the heat generated by the eddy current manifests itself as a
power loss reducing the overall system efficiency. If appropriate measures are not taken, the heating could lead to unsafe situation.
In Extended Power Profile, there are two stages of foreign object detection (FOD). One is by measuring the system quality factor prior to entering
the power transfer phase, and the other is to measure the power loss difference between the received power and the transmitted power during
the power transfer phase. Prior to entering the power transfer phase, the P9242-R3 detects a change in the coil’s quality factor (Q-factor) when
a wireless power receiver or metal object has been placed on its surface. The transmitter measures the Q-factor and compares it with the
reference Q-factor provided by the receiver. If the difference is higher than the reference Q-factor, the P9242 will identify it as FOD and shut
down the system.
The second stage of the foreign object detection is during the power transfer where the power loss difference between the received power and
transmitted power is constantly measured and compared to the WPC-1.2 -specified threshold. If the difference is higher than the threshold set
by the WPC specification, the system will shut down to avoid over-heating.
See Table 6, Table 7, and Table 8 in section 7.2 for details for configuring the FOD threshold via external resistors.
7.2 Configuring Foreign Object Detection and Over-Current Limit – ILIM/FOD Pin
The over-current protection (OCP) is designed to protect the half-bridge and wireless receiver unit from becoming exposed to operating
conditions that could potentially cause damage or unexpected behavior from the system. The input current is continuously monitored during the
power transfer stage. If the input current goes above the OCP threshold, the P9242-R3 will increase the switching frequency or reduce the duty
cycle in order to keep the input current below the OCP value.
External resistors can be used to select the OCP threshold (ILIM). The same resistors are also used to set the FOD threshold (refer to section
7.1 for FOD details). See Table 6, Table 7, and Table 8 for the resistor values. See the typical application schematic in Figure 30 for the location
of the resistors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com