Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 22Page - Renesas Technology Corp P9242-R3 Datasheet HTML 23Page - Renesas Technology Corp P9242-R3 Datasheet HTML 24Page - Renesas Technology Corp P9242-R3 Datasheet HTML 25Page - Renesas Technology Corp P9242-R3 Datasheet HTML 26Page - Renesas Technology Corp P9242-R3 Datasheet HTML 27Page - Renesas Technology Corp P9242-R3 Datasheet HTML 28Page - Renesas Technology Corp P9242-R3 Datasheet HTML 29Page - Renesas Technology Corp P9242-R3 Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
26
May 17, 2019
Figure 27. State Diagram for User Data Transmission from the P9242-R3 to the P9221-R3
Is P9242-R3 in the
power transfer phase
(register 06E0HEX = 09HEX)?
Load outgoing user data registers
(registers 0805HEX to 080EHEX) and
set the number of bytes to be
transferred in bits [6:3] in register
0800HEX accordingly
Is the communication
channel free (bit 0 of
register 0800HEX = “0”)
Yes
Yes
Set bit 0 of register 0800HEX to “1” to
trigger the communication
The P9242-R3 will reset bit 0 of
register 0800HEX to “0” after sending
the data into the channel
9.2 Reading Data Sent from the P9221-R3
The 9242-R3 can receive 8 bytes of information at a time. When the P9242-R3 receives data from the P9221-R3, it will generate an interrupt
to the external MCU on the transmitter by pulling down the interrupt pin. The MCU can respond to the interrupt and read the data received flag
in register 0801HEX bit 0 to confirm that the interrupt is generated because of the new incoming data. The Data_Received_Flag (register 0801HEX
bit [0]) is set to 1BIN when there is new incoming data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com