Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp P9242-R3 Datasheet HTML 37Page - Renesas Technology Corp P9242-R3 Datasheet HTML 38Page - Renesas Technology Corp P9242-R3 Datasheet HTML 39Page - Renesas Technology Corp P9242-R3 Datasheet HTML 40Page - Renesas Technology Corp P9242-R3 Datasheet HTML 41Page - Renesas Technology Corp P9242-R3 Datasheet HTML 42Page - Renesas Technology Corp P9242-R3 Datasheet HTML 43Page - Renesas Technology Corp P9242-R3 Datasheet HTML 44Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 42 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
42
May 17, 2019
16. Ordering Information
Orderable
Part Number
Description and Package
MSL
Rating
Shipping
Package
Ambient
Temperature
P9242-R3NDGI
P9242-R3 Wireless Power Receiver for 15W Applications,
48-VFQFPN (6 x 6 mm) package (NDG48P2)
MSL1
Tray
-40°C to +85°C
P9242-R3NDGI8
P9242-R3 Wireless Power Receiver for 15W Applications,
48-VFQFPN (6 x 6 mm) package (NDG48P2)
MSL1
Reel
-40°C to +85°C
P9242-RBNDGI[a]
P9242-RB Wireless Power Transmitter for 15W Applications with
only bootloader pre-programmed, 48-VFQFPN (6 × 6 mm)
package
MSL1
Tray
-40°C to +85°C
P9242-RBNDGI8[a]
P9242-RB Wireless Power Transmitter for 15W Applications with
only bootloader pre-programmed, 48-VFQFPN (6 × 6 mm)
package
MSL1
Reel
-40°C to +85°C
WP15WBD-RK
WP15WBD-RK Bi-directional Data Transfer Evaluation Kit including P9242-R3-EVK Transmitter Evaluation Board,
P9221-R3-EVK Receiver Evaluation Board, two USB to I2C dongles, and one 12V/2A AC adapter.
[a] The P9242-R3 has the bootloader and application firmware pre-programmed into internal one-time programmable (OTP) memory. The
P9242-RB, which is pin compatible with the P9242-R3, has only the bootloader pre-programmed into OTP memory. The P9242-RB must be
used in conjunction with an external flash; however, there is no functionality difference of the P9242-R3 IC or the P9242-RB with external flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com