Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 35Page - Renesas Technology Corp P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp P9242-R3 Datasheet HTML 37Page - Renesas Technology Corp P9242-R3 Datasheet HTML 38Page - Renesas Technology Corp P9242-R3 Datasheet HTML 39Page - Renesas Technology Corp P9242-R3 Datasheet HTML 40Page - Renesas Technology Corp P9242-R3 Datasheet HTML 41Page - Renesas Technology Corp P9242-R3 Datasheet HTML 42Page - Renesas Technology Corp P9242-R3 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
39
May 17, 2019
Item Quantity
Reference
Value
Description
Part Number
PCB Footprint
21
30
VLX1, VINT1, IO_B1, IO_A1,
GNDT1, vs2, VLX2, VINT2,
IO_B2, GNDT2, vs3, IO_B3,
IO_B4, IO_A4, VCC5V,
IO_B5, IO_A5, IO_B6,
IO_A6, IO_B7, IO_A7,
IO_B8, LDO18, LDO33,
VSNS_IN, VCOIL, VBRG,
IO_B0, IO_A0, ENB
PTH_TP
30 GAUGE WIRE PAD
NP
TEST_PT30DPAD
22
7
VIN1, GND1, GND2, GND3,
GND4, VIN, GND
TP
TEST POINT PC MINIATURE SMT
5015
test_pt_sm_135x70
23
1
J1
5P
CONN RCPT MCR USB AB SMD
TH SHLL
ZX62D-AB-5P8
usb_micro_ab
24
1
J2
68000-
105HLF
BERGSTIK II .100" SR STRAIGHT
68000-105HLF
sip5
25
1
J3
AC
Adapter
CONN POWER JACK 2.5X5.5MM
HI CUR
PJ-002AH
CONN_POWER_JACK5
_5MM
26
1
J4
TP
CONN HEADER 3POS .100" STR
GOLD
901200763
sip3
27
1
J5
SIP con
4-position header
961104-6404-AR
sip-4
28
1
LED1
LED
LED RED CLEAR 0603 SMD
150060RS75000
0603_diode
29
1
LED2
LED
LED GREEN CLEAR 0603 SMD
150060GS75000
0603_diode
30
2
LX1, LX2
NP
Tx coil assemble through hole
NA
TP_TXCoil
31
1
L1
4.7µH
FIXED IND 4.7µH 620MA 500
MOHM
CIG10W4R7MNC
L0603
32
1
L2
NP
Common mode EMI choke
ACM4520-901-2P-T-000
EMI_TDK_ACM4520L
33
1
PZ1
NP
BUZZER PIEZO 4KHZ 12.2MM PC
MNT
PS1240P02CT3
9235_buzzer
34
4
Q1, Q2, Q3, Q4
DMG74
30LFG
MOSFET N-CH 30V 10.5A
PWRDI3333
DMG7430LFG-7
powerdi3333_8ld_fet
35
3
Q5, Q7, Q8
2N7002
N-Channel 60-V (D-S) MOSFET
2N7002KT1G
SOT23_3
36
1
Q6
MOSFET
MOSFET P-CH 30V SC-70-6
SIA449DJ-T1-GE3
sc70_6ld_fet
37
1
RTH1
NP
NTC thermistor 10k bead
NTCLE203E3103JB0
0805
38
3
R1, R3, R7
1kΩ
RES SMD 1K OHM 5% 1/16W
0402
RC0402JR-071KL
0402
39
1
R4
680Ω
RES SMD 680 OHM 5% 1/16W
0402
RC0402JR-07680RL
0402
40
1
R5
NP
RES SMD 0.0 OHM JUMPER
1/10W
RC0402JR-070RL
0402
41
9
R6, R13, , R16, R20, R23,
R41, R42, R43, R48
10kΩ
RES SMD 10K OHM 1% 1/10W
0402
RC0402FR-0710KL
0402
42
5
R8, R26, R30, R31, R32
100kΩ
RES SMD 100K OHM 5% 1/10W
0402
ERJ-2GEJ104X
0402
43
1
R24
100kΩ
RES SMD 100K OHM 5% 1/10W
0402
ERJ-2GEJ104X
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com