Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 27Page - Renesas Technology Corp P9242-R3 Datasheet HTML 28Page - Renesas Technology Corp P9242-R3 Datasheet HTML 29Page - Renesas Technology Corp P9242-R3 Datasheet HTML 30Page - Renesas Technology Corp P9242-R3 Datasheet HTML 31Page - Renesas Technology Corp P9242-R3 Datasheet HTML 32Page - Renesas Technology Corp P9242-R3 Datasheet HTML 33Page - Renesas Technology Corp P9242-R3 Datasheet HTML 34Page - Renesas Technology Corp P9242-R3 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
31
May 17, 2019
Table 15. Read Register – Coil Voltage
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E4HEX [7:0]
Coil_voltage [7:0]
R
–
8 LSB of coil voltage value in mV.
06E5HEX [7:0]
Coil_voltage [15:8]
R
–
8 MSB of coil voltage value in mV.
Table 16. Read Register – Remote Temperature Sensing Voltage
Sensing Voltage =
Thermistor_ADC_Value[15:0] ∗ 2.4V
4095
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E8HEX [7:0]
Thermistor_ADC_Value
[7:0]
R
–
8 LSB of thermistor ADC value.
06E9HEX [7:0]
Thermistor_ADC_Value
[15:8]
R
–
8 MSB of thermistor ADC value.
Table 17. Read Register – Operating Frequency
fOP =
60 MHz
FRE
_CNT[15:0]
Address and Bits
Register Field Name
R/W
Default
Function and Description
06EAHEX [7:0]
FRE_CNT [7:0]
R
–
8 LSB of operating frequency count.
06EBHEX [7:0]
FRQ_CNT [15:8]
R
–
8 MSB of operating frequency count.
Table 18. Read Register – Operating Duty Cycle
DUTY CYCLE =
DUTY
_CNT∗50%
255
Address and Bits
Register Field Name
R/W
Default
Function and Description
06ECHEX [7:0]
DUTY_CNT [7:0]
R
–
8 LSB of operating duty count.
06EDHEX [7:0]
DUTY_CNT [15:8]
R
–
8 MSB of operating duty count.
Table 19. Read Register – Full/Half Bridge Status
Address and Bits
Register Field Name
R/W
Default
Function and Description
06EEHEX [7:0]
Full/half_bridge_status [7:0]
R
–
“0” = Half bridge.
"1" = Full bridge.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com