Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 20 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 20 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 16Page - Renesas Technology Corp P9242-R3 Datasheet HTML 17Page - Renesas Technology Corp P9242-R3 Datasheet HTML 18Page - Renesas Technology Corp P9242-R3 Datasheet HTML 19Page - Renesas Technology Corp P9242-R3 Datasheet HTML 20Page - Renesas Technology Corp P9242-R3 Datasheet HTML 21Page - Renesas Technology Corp P9242-R3 Datasheet HTML 22Page - Renesas Technology Corp P9242-R3 Datasheet HTML 23Page - Renesas Technology Corp P9242-R3 Datasheet HTML 24Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
20
May 17, 2019
7.12 LC Resonant Circuit
The LC resonant circuit comprises the series primary resonant coil (LP) and series capacitance (CP) in the typical application circuit as shown
in Figure 18. The transmitter coil assembly is vendor specific, and it must comply with the WPC recommendation. The WPC recommendations
include the self-inductance value, DC resistance (DCR), Q-factor, size, and number of turns.
The P9242-R3 is designed to support various Extended Power Profile (EPP) coil configurations (see section 12.2) using half-bridge and full-
bridge inverter topologies to drive the primary coil (LP) and a series capacitance (CP). Depending on the WPC coil configuration selection, the
coil inductance and series capacitance will change. Near resonance, the voltage developed across the CP series capacitance could reach 70V
peak (voltage may change depending on the coil configuration). High-voltage (100V) COG-type ceramic capacitors are highly recommended
for their AC and DC characteristics and temperature stability. The recommended parts are listed on the bill of materials (BOM) in Table 27.
Figure 18. Typical Application Diagram with Resonant Circuit
Peak
Detector
P9242-R3
SW_S
LDO33
LDO18
PREG
VIN_LDO
RSNS
Programming
Resistors
GH_BRG1
SW_BRG1
GL_BRG1
GH_BRG2
SW_BRG2
GL_BRG2
ILIM/FOD
LED/Q-fact
LP
CP
L
7.13 External Memory
The P9242-R3 has the bootloader and application firmware pre-programmed into the internal one-time programmable (OTP) memory and does
not allow users to customize the firmware. The P9242-RB, which is pin-to-pin compatible with the P9242-R3, has only a bootloader pre-
programmed into the internal OTP memory. Therefore, the P9242-RB must be used in conjunction with an external flash memory. Application
firmware is loaded into the external flash for specific system requirements.
The P9242-RB fetches the application firmware from the external flash memory using an SPI interface and executes the code. Users can
customize the firmware in external flash and load the new firmware in the flash via the P9242-RB I2C port. There is no functionality difference
between the P9242-R3 IC and the P9242-RB with an external flash. The Winbond W25X20CLUXIG or any other Winbond W25X series flash
device is the recommended external flash memory to be used with the P9242-RB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com