Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 32 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 32 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 28Page - Renesas Technology Corp P9242-R3 Datasheet HTML 29Page - Renesas Technology Corp P9242-R3 Datasheet HTML 30Page - Renesas Technology Corp P9242-R3 Datasheet HTML 31Page - Renesas Technology Corp P9242-R3 Datasheet HTML 32Page - Renesas Technology Corp P9242-R3 Datasheet HTML 33Page - Renesas Technology Corp P9242-R3 Datasheet HTML 34Page - Renesas Technology Corp P9242-R3 Datasheet HTML 35Page - Renesas Technology Corp P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
32
May 17, 2019
Table 20. Command Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
0800[7]HEX
Reserved
R
0BIN
0800[6:3]HEX
Number_of_bytes_ to_be_
transferred
RW
0000BIN
0100BIN = Transfer 10 bytes
0011BIN = Transfer 8 bytes
0010BIN = Transfer 6 bytes
0001BIN = Transfer 4 bytes
0000BIN = Transfer 2 bytes
0800[2:1]HEX
Number_of_repeats
RW
00BIN
11BIN = Send 4 times
10BIN = Send 3 times
01BIN = Send 2 times
00BIN = Send only 1 time
0800[0]HEX
Communication_Trigger
RW
0BIN
If the communication channel is free, this bit is set to “0.”
The external MCU sets this bit to "1” to trigger the
communication. The P9242-R3 will reset this bit to 0
immediately after sending the data into the channel.
Table 21. Data Received Status Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
0801[7:1]HEX
Reserved
R
0000 000BIN
0801[0]HEX
Data_Received_Flag
RW
0BIN
0BIN = No new data received
1BIN = Received new data
Table 22. Clear Interrupt Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
0803[7:1]HEX
Reserved
R
000 0000BIN
0803[0]HEX
Clear_interrupt_pin
RW
0BIN
The external MCU sets this bit to "1” to clear interrupt pin.
P9242-R3 will reset this bit to “0” soon after clearing the
interrupt pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com