Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 8Page - Renesas Technology Corp P9242-R3 Datasheet HTML 9Page - Renesas Technology Corp P9242-R3 Datasheet HTML 10Page - Renesas Technology Corp P9242-R3 Datasheet HTML 11Page - Renesas Technology Corp P9242-R3 Datasheet HTML 12Page - Renesas Technology Corp P9242-R3 Datasheet HTML 13Page - Renesas Technology Corp P9242-R3 Datasheet HTML 14Page - Renesas Technology Corp P9242-R3 Datasheet HTML 15Page - Renesas Technology Corp P9242-R3 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
12
May 17, 2019
Figure 8. Over-Current Limit vs. VILIM
Figure 9. Voltage and Current Signal for
Demodulation
Figure 10. Enable Startup
Figure 11. Communication Packet during
RX Load Step from 0 to 1.3A
Figure 12. Communication Packet during RX
Load Step from 1.3A to 0
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 2 2.2 2.4 2.6 2.8 3 3.2 3.4
VILIM[V]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com