Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 20Page - Renesas Technology Corp P9242-R3 Datasheet HTML 21Page - Renesas Technology Corp P9242-R3 Datasheet HTML 22Page - Renesas Technology Corp P9242-R3 Datasheet HTML 23Page - Renesas Technology Corp P9242-R3 Datasheet HTML 24Page - Renesas Technology Corp P9242-R3 Datasheet HTML 25Page - Renesas Technology Corp P9242-R3 Datasheet HTML 26Page - Renesas Technology Corp P9242-R3 Datasheet HTML 27Page - Renesas Technology Corp P9242-R3 Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
24
May 17, 2019
Figure 24. Recommended Message Structure for the User Data Transfer from the P9242-R3 to the
P9221-R3 for 8 Bytes of User Data
Byte 1
Byte2
Byte 3
Byte 4
Byte 5
Byte 6
Byte 7
Byte 8
Byte 9
Byte 10
Header
Data 0
Data 1
Data 2
Data 3
Data 4
Data 5
Data 6
Data 7
Checksum
The P9242-R3 also has the flexibility to send the same data multiple times based on the setting in register 0800HEX bits [2:1]. For example, if
register 0800HEX bits [2:1] are set to 01BIN, the P9242-R3 sends the data two times. It starts the second data transfer immediately after finishing
the first data transfer.
The external MCU on the transmitter should set Command register 0800HEX bit [0] to 1BIN to trigger the communication after loading the user
data into the outgoing user data registers and setting the Command register 0800HEX bits [7:1] appropriately. After receiving the communication
trigger from the control register, the P9242-R3 waits for the end of the next Control Error Packet (CEP; see section 10.6) and sends the data
into the channel by modulating the operating frequency. Figure 25 shows the timing diagram for the user data transfer from the P9242-R3 to
the P9221-R3.
The P9221-R3 and P9242-R3 cannot both send data into the channel at the same time. If two devices send data into the channel at the same
time, the data will be corrupted; therefore the MCUs on the transmitter and receiver must establish an algorithm to avoid conflicting messages
on the channel.
Figure 25. Timing Diagram for the User Data Transfer from the P9242-R3 to the P9221-R3
CEP Packet
CEP Packet
User Data (FSK)
Total 22 bits
The LOAD pin on the P9242-R3 helps the external MCU to synchronize the data upload into the outgoing user data registers. In the power
transfer phase, the external MCU can load the data into the outgoing user data registers on the falling edge of the LOAD pin.
The P9242-R3 will reset register 0800HEX bit 0 to 0BIN immediately after sending the data into the channel. The external MCU on the transmitter
can periodically check bit 0 in the P9242-R3 register 0800HEX to get an acknowledgment of successful data transmission into the channel. When
the external MCU on the transmitter loads more than 2 bytes of user data into the outgoing registers, the P9242-R3 will reset register 0800HEX
bit 0 to 0BIN after sending all the bytes into the channel. The P9242-R3 gives the WPC standard communication packets priority over the user
data packets. The user data packets have the lowest priority. Therefore during the load transients, the P9242-R3 might skip sending the user
data packets and give priority to the WPC communication packets.
The P9242-R3 transfers the data into the channel at 200bps; however, the channel is usually busy transmitting the WPC standard
communication packets. There is a very small window in which the user data can be transferred. Typically in the power transfer phase, a CEP
packet is sent every 150msec. In one second, there will be only 6 to 7 time slots in which the P9242-R3 can send a maximum of 2 bytes of user
data in each slot. As a result the effective maximum data transfer rate achieved for transfers from the P9242-R3 to the P9221-R3 is 110bps.
The P9242-R3 does not wait for acknowledgement from the P9221-R3 or keep track of successful delivery of the data to the P9221-R3. The
P9242-R3 only acts as a messenger and relies upon the external MCU on the receiver and transmitter to craft a lossless communication protocol
by adding intelligence into the data they are transferring.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com