Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 32Page - Renesas Technology Corp P9242-R3 Datasheet HTML 33Page - Renesas Technology Corp P9242-R3 Datasheet HTML 34Page - Renesas Technology Corp P9242-R3 Datasheet HTML 35Page - Renesas Technology Corp P9242-R3 Datasheet HTML 36Page - Renesas Technology Corp P9242-R3 Datasheet HTML 37Page - Renesas Technology Corp P9242-R3 Datasheet HTML 38Page - Renesas Technology Corp P9242-R3 Datasheet HTML 39Page - Renesas Technology Corp P9242-R3 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
36
May 17, 2019
12.2 Recommended Coils
Table 26. Recommended Coil Manufactures
Output Power
Vendor
Part number
Inductance at 100kHz
DCR at 20°C
15W
SUNLORD
SWA53N53H30C11B
10µH
50mΩ
15W
TDK
WT525225-12F2-MA2-G
10.6µH
40mΩ
15W
WURTH
760308103102
10µH
55mΩ
12.3 Typical Application Schematic – P9242-R3-EVK included in WP15WBD-RK Kit
Note: The typical application schematic provides a basic guideline to understanding and building a functional medium-power wireless power
transmitter type MP-A2 as described in the WPC specifications. Other components, not shown on the typical application schematic, might be
needed in order to comply with other requirements, such as EMC or thermal specifications.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com