Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 23Page - Renesas Technology Corp P9242-R3 Datasheet HTML 24Page - Renesas Technology Corp P9242-R3 Datasheet HTML 25Page - Renesas Technology Corp P9242-R3 Datasheet HTML 26Page - Renesas Technology Corp P9242-R3 Datasheet HTML 27Page - Renesas Technology Corp P9242-R3 Datasheet HTML 28Page - Renesas Technology Corp P9242-R3 Datasheet HTML 29Page - Renesas Technology Corp P9242-R3 Datasheet HTML 30Page - Renesas Technology Corp P9242-R3 Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
27
May 17, 2019
After confirming that the new data is available to be read, the external MCU should read register 080FHEX, which indicates the number of
incoming data bytes received. Based on the information, the MCU on transmitter should read the number of bytes indicated from user incoming
data registers 0810HEX to 0817HEX. For example, if the external MCU on the transmitter receives 3 bytes of information, register 080FHEX will
indicate 38HEX; therefore the external MCU on the transmitter should read only registers 0810HEX to 0812HEX (3 bytes) and ignore 0813HEX to
0817HEX.
Table 11. Registers Used for Reading User Data from the P9242-R3
Register Name
Register Address
Data Received Status
0801HEX
Clear Interrupt
0803HEX
Incoming Data Header
080FHEX
Incoming User Data
0810HEX to 0817HEX
After reading the data, the external MCU on the transmitter should clear the interrupt by writing 01HEX to register 0803 HEX. If the external MCU
on the transmitter does not handle interrupts, it should constantly poll the data received flag to check whether there is any new incoming data.
If the external MCU on the transmitter does not read data immediately after the interrupt is received, there is a risk that data could become
corrupted because of new incoming data. The 9242-R3 does not reject new incoming data because the old data was not read by the MCU on
the transmitter. The user can implement a higher level handshaking protocol between the external MCU on transmitter and receiver to avoid
data corruption.
Figure 28. State Diagram for Reading Data Sent from the P9221-R3
Read register 080FHEX, which
indicates the number of user data
bytes received. Read incoming user
data registers accordingly
(0810HEX to 0817HEX)
Yes
Did INT pin
transition from
HIGH to LOW and is
bit 0 of register 0801HEX
set to “1”?
Set bit 0 of register 0803HEX to “1”
to clear the received data flag and
reset the INT pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com