Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R3 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # P9242-R3
Description  15W Wireless Charging Transmitter with Bi-directional Data Communication
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R3 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button P9242-R3 Datasheet HTML 26Page - Renesas Technology Corp P9242-R3 Datasheet HTML 27Page - Renesas Technology Corp P9242-R3 Datasheet HTML 28Page - Renesas Technology Corp P9242-R3 Datasheet HTML 29Page - Renesas Technology Corp P9242-R3 Datasheet HTML 30Page - Renesas Technology Corp P9242-R3 Datasheet HTML 31Page - Renesas Technology Corp P9242-R3 Datasheet HTML 32Page - Renesas Technology Corp P9242-R3 Datasheet HTML 33Page - Renesas Technology Corp P9242-R3 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 44 page
background image
P9242-R3/RB Datasheet
© 2019 Integrated Device Technology, Inc.
30
May 17, 2019
11. Functional Registers
The following tables provide address locations, field names, available operations (R or RW), default values, and functional descriptions of all
internally accessible registers contained within the P9242-R3. The default I2C slave address is 61HEX.
Table 12. State Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E0HEX
System_State
R
00HEX
0DEC = Startup
1DEC = Idle
2DEC = Analog Ping Phase
4DEC = Digital Ping Phase
5DEC = WPC Identification
7DEC = WPC Configuration
8DEC = Power Transfer Initialization
9DEC = Power Transfer State
11DEC = Remove Power
12DEC = Restart
13DEC = WPC Negotiation
Table 13. Status Register
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E1HEX
System_Status
R
00HEX
0DEC = System Normal
1DEC = FOD Alarm
2DEC = EPT Charge Complete
4DEC = EPT No Response
5DEC = EPT Internal Fault
6DEC = Over-Temperature Alarm
7DEC = Over-Current
9DEC = EPT Other Rx Fault
10DEC = Negotiation Fail
Table 14. Read Register – Coil Current
Address and Bits
Register Field Name
R/W
Default
Function and Description
06E2HEX [7:0]
Coil_current [7:0]
R
–
8 LSB of coil current value in mA.
06E3HEX [7:0]
Coil_current [15:8]
R
–
8 MSB of coil current value in mA.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com