Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 41 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 41 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 37Page - Renesas Technology Corp P9221-R3 Datasheet HTML 38Page - Renesas Technology Corp P9221-R3 Datasheet HTML 39Page - Renesas Technology Corp P9221-R3 Datasheet HTML 40Page - Renesas Technology Corp P9221-R3 Datasheet HTML 41Page - Renesas Technology Corp P9221-R3 Datasheet HTML 42Page - Renesas Technology Corp P9221-R3 Datasheet HTML 43Page - Renesas Technology Corp P9221-R3 Datasheet HTML 44Page - Renesas Technology Corp P9221-R3 Datasheet HTML 45Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
41
October 20, 2017
Item
Reference
Quantity
Value
Description
Part number
PCB Footprint
22
R8
1
0Ω
RES SMD 0.0OHM JUMPER 1/10W
0402
ERJ-2GE0R00X
0402
23
R15, R16
2
10KΩ
RES SMD 10K OHM 1% 1/10W
0603
RC0603FR-0710KL
0603
24
R17, R19, R23, R27,
R29, R34, R38, R39
8
10kΩ
RES SMD 10K OHM 5% 1/16W
0402
CRCW040210K0JNED
IF
0402
25
R18, R22, R28, R30,
R33, R41, R42
7
NP
RES SMD 10K OHM 5% 1/16W
0402
CRCW040210K0JNED
IF
0402
26
R35
1
0Ω
RES SMD 0.0OHM 1/10W 0603
MCR03EZPJ000
0603
27
U1
1
P9221-R3 MP Wireless power receiver
P9221-R3
csp52_2p64x3p94_
0p4mm
28
U2
1
NP
IC EEPROM 128KBIT 400KHZ
8TDFN
24AA128T-I/MNY
TDFN08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com