Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 2Page - Renesas Technology Corp P9221-R3 Datasheet HTML 3Page - Renesas Technology Corp P9221-R3 Datasheet HTML 4Page - Renesas Technology Corp P9221-R3 Datasheet HTML 5Page - Renesas Technology Corp P9221-R3 Datasheet HTML 6Page - Renesas Technology Corp P9221-R3 Datasheet HTML 7Page - Renesas Technology Corp P9221-R3 Datasheet HTML 8Page - Renesas Technology Corp P9221-R3 Datasheet HTML 9Page - Renesas Technology Corp P9221-R3 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
6
October 20, 2017
2. Pin Descriptions
Table 1.
Pin Descriptions
Pins
Name
Type
Function
A1
COMM1
Output
Open-drain output used to communicate with the transmitter. Connect a 47nF capacitor
from AC1 to COMM1.
A2
ALIGNX
Input
AC input for coil alignment guide. If not used, connect this pin to GND through a 10kΩ
resistor.
A3
SCL
Input
Serial clock line. Open-drain pin. Connect this pin to a 5.1kΩ resistor to the VDD18 pin.
A4
VOSET/
Q-Fact
Input
Programming pin for setting the output voltage and Q-factor. For VOSET, connect this pin
to the center tap of a resistor divider to set the output voltage. For more information, refer
to section 8.2 for different output voltage settings. Also see section 8.2 for adjusting the
Q-factor value.
A5
RPPG
Input
Received power packet gain (RPPG) calibration pin for foreign object detection (FOD)
tuning. Connect this pin to the center tap of a resistor divider to set the gain of the FOD.
The FOD is disabled by connecting the RPPG and RPPO pins to GND. Do not leave this
pin floating.
A6
COMM2
Output
Open-drain output used to communicate with the transmitter. Connect a 47nF capacitor
from AC2 to COMM2.
B1
RSV4
–
Reserved for internal use. Do not connect.
B2
ALIGNY
Input
AC input for coil alignment guide. If not used, connect to GND through a 10kΩ resistor.
B3
SDA
Input/Output
Serial data line. Open-drain pin. Connect a 5.1kΩ resistor to VDD18 pin.
B4
ILIM
Input
Programmable over-current limit pin. Connect this pin to the center tap of a resistor
divider to set the current limit. For more information about the current limit function, see
section 8.5.
B5
EN
̅̅̅̅
Input
Active-LOW enable pin. Pulling this pin to logic HIGH forces the device into Shut Down
Mode. When connected to logic LOW, the device is enabled. Do not leave this pin
floating.
B6
RSV5
–
Reserved for internal use. Do not connect.
C1, C6, J1, J2,
J3, J4, J5, J6
GND
GND
Ground.
C2
SINK
Output
Open-drain output for controlling the rectifier clamp. Connect a 36Ω resistor from this pin
to the VRECT pin.
C3
INT
̅̅̅̅
Output
Interrupt flag pin. This is an open-drain output that signals fault interrupts. It is pulled LOW
if any of these faults exist: an over-voltage is detected, an over-current condition is
detected, the die temperature exceeds 140°C, or an external over-temperature condition
is detected on the TS/EOC pin. INT
̅̅̅̅ is also pulled LOW, if the device receives user data
from a P9242-R3.
It is also asserted LOW when EN is HIGH. Connect INT to VDD18 through a 10kΩ
resistor. See section 8.6 for additional conditions affecting the interrupt flag.
C4
RPPO
Input
Received power packet offset (RPPO) calibration pin for FOD tuning. Connect this pin to
the center tap of the resistor divider to set the offset of the FOD. The FOD is disabled by
connecting the RPPG and RPPO pins to GND. Do not leave this pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com