Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 13Page - Renesas Technology Corp P9221-R3 Datasheet HTML 14Page - Renesas Technology Corp P9221-R3 Datasheet HTML 15Page - Renesas Technology Corp P9221-R3 Datasheet HTML 16Page - Renesas Technology Corp P9221-R3 Datasheet HTML 17Page - Renesas Technology Corp P9221-R3 Datasheet HTML 18Page - Renesas Technology Corp P9221-R3 Datasheet HTML 19Page - Renesas Technology Corp P9221-R3 Datasheet HTML 20Page - Renesas Technology Corp P9221-R3 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
17
October 20, 2017
Table 6.
Setting the Output Voltage and Reference Q-factor Value
Q Factor
Value Setting
VOUT Setting(R34/R33 Values)
9V without 5V
9V with 5V
12V without 5V
12V with 5V
R34
R33
R34
R33
R34
R33
R34
R33
103
10kΩ
4.87kΩ
Open
10kΩ
10kΩ
21kΩ
10kΩ
Open
80
10kΩ
4.32kΩ
10kΩ
0.31kΩ
10kΩ
22.6kΩ
10kΩ
324kΩ
60
10kΩ
3.65kΩ
10kΩ
0.681kΩ
10kΩ
27.4kΩ
10kΩ
147kΩ
40
10kΩ
3.09kΩ
10kΩ
1.1kΩ
10kΩ
32.4kΩ
10kΩ
90.9kΩ
20
10kΩ
2.55kΩ
10kΩ
1.54kΩ
10kΩ
39.2kΩ
10kΩ
64.9kΩ
8.3
SINK Pin
The P9221-R3 has an internal automatic DC clamping to protect the device in the event of high voltage transients. The VRECT node must be
connected to the SINK pin at all times using a 36Ω resistor with a greater than ¼W rating.
8.4
Rectifier Voltage – VRECT
The P9221-R3 uses a high‐efficiency synchronous rectifier to convert the AC signal from the coil to a DC signal on the VRECT pin. During
startup, the rectifier operates as a passive diode bridge. When the voltage on VRECT exceeds the under-voltage lock-out level (UVLO; see
Table 5), the rectifier will switch into full synchronous bridge rectifier mode. 30μFcapacitance is recommended to minimize the output voltage
ripple. Add an additional 0.1uF capacitor for decoupling.
8.5
Over-Current Limit – ILIM
The P9221-R3 has a programmable current limit function for protecting the device in the event of an over-current or short-circuit fault condition.
When the output current exceeds the programmed threshold (see Figure 11), the P9221-R3 will limit the load current by reducing the output
voltage. The current limit should be set to 120% of the target maximum output current. See the ILIM pin description in Table 1 for further
information. The ILIM pin allows changing the over-current limit value without modification of the firmware by selecting the values of R38 and
R22 as shown in Table 7.
Table 7.
Setting the Over-Current Limit
Voltage on ILIM Pin [V]
R38 [kΩ]
R22 [kΩ]
Output Current [A]
Over-Current Limit [A]
Pull-up
10
Open
1.25
1.6
0.60
10
5.1
0.80
1
0.45
10
3.3
0.64
0.8
0.25
10
1.6
0.40
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com