Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 31 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 31 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 27Page - Renesas Technology Corp P9221-R3 Datasheet HTML 28Page - Renesas Technology Corp P9221-R3 Datasheet HTML 29Page - Renesas Technology Corp P9221-R3 Datasheet HTML 30Page - Renesas Technology Corp P9221-R3 Datasheet HTML 31Page - Renesas Technology Corp P9221-R3 Datasheet HTML 32Page - Renesas Technology Corp P9221-R3 Datasheet HTML 33Page - Renesas Technology Corp P9221-R3 Datasheet HTML 34Page - Renesas Technology Corp P9221-R3 Datasheet HTML 35Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
31
October 20, 2017
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0034HEX [1]
VRECT_OV_ Status
R
0BIN
“1” indicates the rectifier voltage exceeds 20V for VOUT=12V.
In this case, the P9221-R3 sends an End Power Transfer
(EPT) packet to the transmitter.
0034HEX [0]
Current_Limit_Status
R
0BIN
“1” indicates the current limit has been exceeded. In this
case, the P9221-R3 sends an End Power Transfer (EPT)
packet to the transmitter.
0035HEX [7:0]
Reserved
R
00HEX
Table 15. Interrupt Status Registers
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0036HEX [7]
INT_Vout_Status
R
0BIN
“0” indicates the output voltage has not changed.
“1” indicates the output voltage changed.
0036HEX [6]
Reserved
R
0BIN
0036HEX [5]
Reserved
R
0BIN
0036HEX [4]
User_Data_Received_status
R
0BIN
“1” indicates that the P9221-R3 has received data from the
P9242-R3. This bit must be reset after the application
processor reads the user data.
0036HEX [3]
Reserved
R
0BIN
0036HEX [2]
INT_OVER_TEMP_Status
R
0BIN
“1” indicates an over-temperature condition exists.
0036HEX [1]
INT_VRECT_OV_Status
R
0BIN
“1” indicates a rectifier over-voltage condition exists.
0036HEX [0]
INT_OC_Limit_Status
R
0
“1” indicates the current limit has been exceeded.
0037HEX [7:0]
Reserved
R
00HEX
Note: If any bit in the Interrupt Status register 0036HEX is “1” and the corresponding bit in the Interrupt Enable register 38HEX is set to “1,” the
INT pin will be pulled down indicating an interrupt event has occurred.
Table 16. Interrupt Enable Registers
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0038HEX [7]
Vout_Status_INT_EN
RW
0BIN
“0” disables the INT_Vout_Status interrupt.
"1" enables the interrupt.
0038HEX [6]
Reserved
R
0BIN
0038HEX [5]
Reserved
R
0BIN
0038HEX [4]
User_Data_Received_EN
R
1BIN
“0” disables the User_Data_Received interrupt.
"1" enables the interrupt.
0038HEX [3]
Reserved
R
1BIN
0038HEX [2]
OVER_TEMP_INT_EN
R
1BIN
“0” disables the INT_OVER_TEMP interrupt.
"1" enables the interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com