Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 26Page - Renesas Technology Corp P9221-R3 Datasheet HTML 27Page - Renesas Technology Corp P9221-R3 Datasheet HTML 28Page - Renesas Technology Corp P9221-R3 Datasheet HTML 29Page - Renesas Technology Corp P9221-R3 Datasheet HTML 30Page - Renesas Technology Corp P9221-R3 Datasheet HTML 31Page - Renesas Technology Corp P9221-R3 Datasheet HTML 32Page - Renesas Technology Corp P9221-R3 Datasheet HTML 33Page - Renesas Technology Corp P9221-R3 Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
30
October 20, 2017
12. Functional Registers
The following tables provide the address locations, field names, available operations (R or RW), default values, and functional descriptions of
all the internally accessible registers contained within the P9221-R3. The default I2C slave address is 61HEX. The address of each register has
a two-byte structure. For example, the address of chip ID high byte read from 00HEX and 01HEX.
Table 11. Device Identification Register
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0000HEX [7:0]
Part_number_L
R
20HEX
Chip identification low byte.
0001HEX [7:0]
Part_number_H
R
92HEX
Chip identification high byte.
Table 12. Firmware Major Revision
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0004HEX [7:0]
FW_Major_Rev_L
R
01HEX
Major firmware revision low byte.
0005HEX [7:0]
FW_Major_Rev_H
R
00HEX
Major firmware revision high byte.
Table 13. Firmware Minor Revision
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0006HEX [7:0]
FW_Minor_Rev_L
R
29HEX
Minor firmware revision low byte.
0007HEX [7:0]
FW_Minor_Rev_H
R
04HEX
Minor firmware revision high byte.
Table 14. Status Registers
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0034HEX [7]
Vout_Status
R
0BIN
“0” output voltage is off.
“1” output voltage is on.
0034HEX [6]
Reserved
R
0BIN
0034HEX [5]
Reserved
R
0BIN
0034HEX [4]
User_Data_Received
R
0BIN
“1” indicates that the P9221-R3 has received data from the
P9242-R3. This bit must be reset after the application
processor reads the user data. This bit can be reset by
writing 20HEX to the 004EHEX register
0034HEX [3]
Reserved
R
0BIN
0034HEX [2]
Thermal_SHTDN_Status
R
0BIN
“0” indicates no over-temperature condition exists.
“1” indicates that the die temperature exceeds 130°C or the
NTC reading is less than 0.6V. The P9221-R3 sends an End
Power Transfer (EPT) packet to the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com