Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 36Page - Renesas Technology Corp P9221-R3 Datasheet HTML 37Page - Renesas Technology Corp P9221-R3 Datasheet HTML 38Page - Renesas Technology Corp P9221-R3 Datasheet HTML 39Page - Renesas Technology Corp P9221-R3 Datasheet HTML 40Page - Renesas Technology Corp P9221-R3 Datasheet HTML 41Page - Renesas Technology Corp P9221-R3 Datasheet HTML 42Page - Renesas Technology Corp P9221-R3 Datasheet HTML 43Page - Renesas Technology Corp P9221-R3 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
40
October 20, 2017
13.4 Bill of Materials (BOM)
Table 33. P9221-R3 MM Evaluation Kit V2.2 Bill of Materials
Item
Reference
Quantity
Value
Description
Part number
PCB Footprint
1
AC2T, VDD5V,
VPP18, VOSET, TS,
SDA, SCL, RPO,
RPG, INT, ILIM,
GCOM, DEN, ALGY,
ALGX, /EN
16
PTH_TP
Test Pad
10MIL_35PAD
2
AC2, LC
2
NP
TEST POINT
test_pt_sm_135x70
3
C1, C2, C3, C5
4
100nF
CAP CER 0.1µF 50V X5R 0402
GRM155R61H104KE1
9D
0402
4
C6, C14
2
47nF
CAP CER 0.047µF 50V X7R 0402
C1005X7R1H473K050
BB
0402
5
C7, C15
2
NP
CAP CER 0.047µF 50V X7R 0402
C1005X7R1H473K050
BB
0402
6
C8, C16
2
15nF
CAP CER 0.015µF 50V X7R 0402
GRM155R71H153KA1
2J
0402
7
C9
1
3.3nF
CAP CER 3300PF 50V X7R 0402
CL05B332KB5NNNC
0402
8
C10, C11, C21, C22,
C33
5
10µF
CAP CER 10µF 25V X5R 0603
CL10A106MA8NRNC
0603
9
C12
1
NP
CAP CER 10µF 25V X5R 0603
CL10A106MA8NRNC
0603
10
C18,C20
2
1µF
CAP CER 1µF 10V X5R 0402
GRM155R61A105KE1
5D
0402
11
C19,C31
2
0.1µF
CAP CER 0.1µF 10V X5R 0201
C0603X5R1A104K030
BC
0201
12
C23
1
0.1µF
CAP CER 0.1µF 25V X5R 0201
CL03A104KA3NNNC
0201
13
C25
1
NP
CAP CER 0.1µF 10V X5R 0201
C0603X5R1A104K030
BC
0201
14
D1
1
LED
LED GREEN CLEAR 0603 SMD
150 060 GS7 500 0
0603_diode
15
D6,D7
2
5.1V
DIODE ZENER 5.1V 100MW 0201
CZRZ5V1B-HF
0201
16
GND1, VRECT,
VOUT, VOSNS, GND
5
Test
Point
TEST POINT PC MINIATURE SMT
5015
test_pt_sm_135x70
17
J1
1
I2C
HEADER_1X5_0P1PITCH60P42D
68002-205HLF
header_1x5_0p1Pit
ch60p42d
18
RTS
1
NP
NTC2
19
R1, R13, R14
3
5.1kΩ
RES SMD 5.1K OHM 5% 1/16W
0402
MCR01MRTJ512
0402
20
R2
1
36Ω
RES SMD 36 OHM 5% 1/2W 0805
ERJ-P06J360V
805
21
R6
1
NP
RES SMD 0.0OHM JUMPER
ERJ-2GE0R00X
0402



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com