Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 3Page - Renesas Technology Corp P9221-R3 Datasheet HTML 4Page - Renesas Technology Corp P9221-R3 Datasheet HTML 5Page - Renesas Technology Corp P9221-R3 Datasheet HTML 6Page - Renesas Technology Corp P9221-R3 Datasheet HTML 7Page - Renesas Technology Corp P9221-R3 Datasheet HTML 8Page - Renesas Technology Corp P9221-R3 Datasheet HTML 9Page - Renesas Technology Corp P9221-R3 Datasheet HTML 10Page - Renesas Technology Corp P9221-R3 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
7
October 20, 2017
Pins
Name
Type
Function
C5
DEN
Input
Reserved. A10kΩ resistor must be connected between the DEN pin and the VDD18 pin.
D1, D2, D3,
D4, D5, D6
OUT
Output
Regulated output voltage pin. Connect two 10μF capacitors from this pin to GND. The
default voltage is set to 12V when the VOSET/Q-Fact pin is pulled up to the VDD18 pin
through a 10kΩ resister. For more information about the VOSET function, see section 8.2.
E1, E2, E5, E6,
F2, F3, F4, F5
VRECT
Output
Output voltage of the synchronous rectifier bridge. Connect three 10μF capacitors and a
0.1µF capacitor in parallel to GND. The rectifier voltage dynamically changes as the load
changes. For more information, see the typical waveforms in section 6.
F1
VDD5V
Output
Internal 5V regulator output voltage for internal use. Connect a 1μF capacitor from this pin
to ground. Do not load the pin.
F6
VDD18
Output
Internal 1.8V regulator output voltage. Connect a 1μF capacitor from this pin to ground.
Do not load the pin.
G1
BST1
Output
Boost capacitor for driving the high-side switch of the internal rectifier. Connect a 15nF
capacitor from the AC1 pin to BST1.
G2, H1, H2,
AC1
Input
AC input power. Connect these pins to the resonant capacitance CS (C1, C2, C3, and C5
in Figure 28).
G3
RSV3
Input
Reserved pin. This pin must be connected to the OUT pin. Do not leave this pin floating.
G4
RSV1
–
Reserved for internal use. Do not connect.
G5, H5, H6
AC2
Input
AC input power. Connect these pins to the Rx coil (L1).
G6
BST2
Output
Boost capacitor for driving the high-side switch of the internal rectifier. Connect a 15nF
capacitor from the AC2 pin to BST2.
H3
RSV2
–
Reserved pin. This pin must be connected to the OUT pin. Do not leave this pin floating.
H4
TS/EOC
Input
End-of-Charge (EOC) signal and remote temperature (TS) sensing for over-temperature
shutdown. For remote temperature sensing, connect to a negative temperature coefficient
(NTC) thermistor network. If not used, connect this pin to VDD18 pin through a 10kΩ
resistor. For EOC, connecting the pin to ground will send the End Power Transfer (EPT)
packet to the transmitter to terminate the power. For more information, refer to section 8.9.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com