Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R3 Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # P9221-R3
Description  15W Wireless Charging Receiver with Bi-directional Data Communication
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R3 Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button P9221-R3 Datasheet HTML 19Page - Renesas Technology Corp P9221-R3 Datasheet HTML 20Page - Renesas Technology Corp P9221-R3 Datasheet HTML 21Page - Renesas Technology Corp P9221-R3 Datasheet HTML 22Page - Renesas Technology Corp P9221-R3 Datasheet HTML 23Page - Renesas Technology Corp P9221-R3 Datasheet HTML 24Page - Renesas Technology Corp P9221-R3 Datasheet HTML 25Page - Renesas Technology Corp P9221-R3 Datasheet HTML 26Page - Renesas Technology Corp P9221-R3 Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
P9221-R3 Datasheet
© 2017 Integrated Device Technology, Inc.
23
October 20, 2017
10. Bi-directional User Data Communication
In customer end systems, the transmitter and receiver boards need to have an external microcontroller (MCU) or leverage an existing application
processor to orchestrate bi-directional communication. Using the I2C communication, the MCU on the receiver board needs to load the data
into specific registers and trigger the communication. The P9221-R3 sends the data to the P9242-R3 using amplitude-shift keying (ASK)
modulation. The P9242-R3 will receive the data and interrupt the MCU on the transmitter when the data is ready to be read. The external MCU
on the transmitter follows the same procedure to send the data to the P9221-R3. When new data is available to be read, the P9221-R3 will
interrupt the external MCU on the receiver board.
Bi-directional user data communication is enabled only in the power transfer phase for the WPC standard. The external MCU on the receiver
board can read register 014AHEX to determine whether the P9221-R3 is in the power transfer phase. Register 014AHEX will be set to 5HEX when
the device is in the power transfer phase.
See Figure 25 for a state diagram that illustrates the procedure that the external MCU on the receiver board must follow to send the user data
from the P9221-R3 to the P9242-R3 as described in section 10.1. See Figure 26 for a state diagram that illustrates the procedure the external
MCU must follow to read the data sent by the P9242-R3 as described in section 10.2.
10.1 Transferring Data from the P9221-R3 to the P9242-R3
The external MCU on the receiver board should read bit 0 in register 004EHEX to determine the status of the communication channel before
initiating a new transfer. If the communication channel is free, bit 0 in register 004EHEX is 0. If the communication channel is busy, bit 0 in register
004EHEX is set to 1.
The P9221-R3 receiver supports sending up to 8 bytes of user data. The external MCU on the receiver should write the data that it will be
sending to the transmitter into outgoing data registers (0089HEX to 0090HEX) and set the Data Header register (0088HEX) accordingly. The Data
Header register (see Table 29) indicates the number of bytes that need to be transmitted. For example, if the external MCU on the receiver
intends to transfer 3 bytes of information, it should write 38HEX to register 0088HEX and write the user data into registers 0089HEX to 008BHEX.
The P9221-R3 will not transfer registers 008CHEX to 0090HEX when the header is set to 3 bytes. If the external MCU on the receiver will be
sending 8 bytes of information, it should write 88HEX to register 0088HEX and write the data into registers 0089HEX to 0090HEX.
Table 9.
Registers Used for Data Transmission from P9221-R3 to P9242-R3
Register
Register Address
Command Register
004EHEX
Data Header Register
0088HEX
Outgoing User Data Registers
0089HEX to 0090HEX (8 bytes)
WPC Power Transfer Phase Indicator
014AHEX
The external MCU on the receiver should set bit 0 in the Command register 004EHEX to 1 for triggering the communication after loading the user
data into the outgoing data registers and setting the data header for the correct number of bytes. After receiving the communication trigger from
the control register, the P9221-R3 reads the data header register and outgoing data registers and constructs a proprietary communication
packet with a packet checksum. The communication packet is sent into the channel between two Control Error Packets (CEP) using ASK
modulation.
Figure 23 shows the timing diagram for the user data transfer from the P9221-R3 to the P9242-R3.
Figure 23. Timing Diagram for a User Data Transfer from the P9221-R3 to the P9242-R3
CEP Packet
CEP Packet
Proprietary Communication Packets (ASK)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com