Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet (PDF) - STMicroelectronics

STWLC68 Datasheet PDF - STMicroelectronics
Part # STWLC68
Download  STWLC68 Download
File Size   1470.1 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Qi-compliant inductive wireless power receiver for 5W applications

STWLC68 Datasheet (PDF)

Go To PDF Page Download Datasheet
STWLC68 Datasheet PDF - STMicroelectronics

Part # STWLC68
Download  STWLC68 Click to download

File Size   1470.1 Kbytes
Page   32 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description Qi-compliant inductive wireless power receiver for 5W applications

STWLC68 Datasheet (HTML) - STMicroelectronics


STWLC68 Product details

Description
The STWLC68 is an integrated Wireless Power Receiver suitable for portable applications and capable of managing up to 5 W of output power. The chip has been designed to support Qi 1.2.4 specifications for inductive communication protocol and Base Power Profile (BPP). The STWLC68 shows excellent efficiency performance thanks to the integrated lowloss synchronous rectifier and the low drop-out linear regulator: both elements are dynamically managed by the digital core to minimize the overall power dissipation over a wide range of output load conditions. Through the I2C interface the user can access and modify different configuration parameters, tailoring the operation of the device to the needs of custom applications. The configuration parameters can be saved in the embedded OTP memory and automatically retrieved at power-up, allowing the STWLC68 to operate as standalone device. The STWLC68 is housed in a Chip-Scale Package to fit real-estate solutions in wearable devices. Product status link STWLC68 Product summary

Features
■ Up to 5 W output power
■ Qi 1.2.4 inductive wireless standard communication protocol compliant
■ Integrated 27 V synchronous rectifier with 98% (typ.) efficiency
■ Low drop-out linear regulator with output current and input voltage control loops
■ 3.6 V to 20 V programmable output voltage with 25 mV resolution
■ Up to 80% overall system efficiency
■ 32-bit, 64 MHz ARM Cortex microcontroller core
■ OTP memory for configuration data
■ 8-channels, 10-bit A/D Converter
■ 6 configurable GPIOs
■ Accurate voltage/current measurement for Foreign Object Detection (FOD)
■ Output Over-Voltage clamping protection
■ 400 kHz I2C interface
■ On-chip thermal management and protections (Over-voltage, Over-current)
■ Enhanced power dissipation capability Chip-Scale Package (CSP)

Applications
■ Smartphones and PDAs
■ Power banks
■ GPS navigators
■ Medical and healthcare equipment
■ Wearable devices




Similar Part No. - STWLC68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
STWLC03JR STMICROELECTRONICS-STWLC03JR Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
STWLC04 STMICROELECTRONICS-STWLC04 Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STWLC04JR STMICROELECTRONICS-STWLC04JR Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STWLC33 STMICROELECTRONICS-STWLC33 Datasheet
431Kb / 7P
Multi-mode Qi/AirFuel inductive wireless power receiver with transmitter function
23-Feb-2017
More results


Similar Description - STWLC68

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Texas Instruments
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com