Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STWLC68 Datasheet HTML 3Page - STMicroelectronics STWLC68 Datasheet HTML 4Page - STMicroelectronics STWLC68 Datasheet HTML 5Page - STMicroelectronics STWLC68 Datasheet HTML 6Page - STMicroelectronics STWLC68 Datasheet HTML 7Page - STMicroelectronics STWLC68 Datasheet HTML 8Page - STMicroelectronics STWLC68 Datasheet HTML 9Page - STMicroelectronics STWLC68 Datasheet HTML 10Page - STMicroelectronics STWLC68 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
4.3
Electrical characteristics
0 °C < TA < 85 °C; VVRECT = 5 V to 10 V. Typical values are at TJ = 25 °C, if not otherwise specified.
Table 4. Electrical characteristics
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
Supply section
VVRECT,UVLO
VRECT Under-Voltage Lock-Out upper
(turn-on) threshold
VRECT pin voltage, rising edge
3.0
3.3
V
VRECT Under-Voltage Lock-Out lower
(turn-off) threshold
VRECT pin voltage, falling edge
2.5
VVRECT,MAX
VRECT maximum operating supply
voltage
Voltage on VRECT pin
16
V
IVOUT,Q
VOUT current consumption in shut-
down mode
RSTB low for more than 1 ms, supply
voltage (5 V) applied to VOUT
400
750
μA
IVRECT,OP
Operating current consumption (not
considering the programmed dummy-
load current)
RSTB high, supply voltage applied to
VRECT
9.7
13
mA
IVOUT,OP
RSTB high, supply voltage applied to
VOUT
9.7
13
1.8V supply voltage LDO linear regulator
VV1V8
LDO1 output voltage
IV1V8 = 5 mA
1.79
1.8
1.81
V
LDO1 load regulation
0 mA < IV1V8 < 10 mA
5
20
mV
5V supply voltage LDO linear regulator
VV5V0
LDO2 output voltage
IV5V0 = 5 mA, VVRECT = 5.1 V
4.8
5
5.2
V
LDO2 load regulation
0 mA <IV5V0 = 0 mA <10 mA
2
20
mV
LDO2 under-voltage lock-out upper
threshold
2.8
3
3.2
V
IV5V0,EXT
Maximum current allowed for external
load
10
mA
Synchronous rectifier
Efficiency
Target rectifier efficiency
IVRECT = 1 A, VVRECT= 5.2 V, fAC = 100
kHz to 250 kHz
97
%
IVRECT = 1 A, VVRECT = 9.2 V, fAC =
100 kHz to 250 kHz
97
RDSON,ACx
Synchronous rectifier switches on-
resistance
low resistance mode (dynamically
selected)
60
70
80
m Ω
high resistance mode (dynamically
selected)
150
250
350
ASK modulator
RDSON,COMMx
COMM1-COMM2 modulation switches
on-resistance
VVRECT = 5 V
1
2
Ω
RDSON,CLAMPx
CLAMP1-CLAMP2 modulation
switches on-resistance
VVRECT = 5 V
1
Ω
IDMYL,MAX
Dummy load current (internally drawn
from VRECT when enabled)
VVRECT = 5 V to 12 V, IVRECT = 0 A,
IDMYL_SET = 0x1F
310
mA
IDMYL,STEP
10
Main LDO linear regulator
VOUT
Output voltage range
VOUT_SET = 0x00C8
4.95
5.0
5.05
V
STWLC68
Electrical characteristics
DS13131 - Rev 3
page 7/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com