Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STWLC68 Datasheet HTML 13Page - STMicroelectronics STWLC68 Datasheet HTML 14Page - STMicroelectronics STWLC68 Datasheet HTML 15Page - STMicroelectronics STWLC68 Datasheet HTML 16Page - STMicroelectronics STWLC68 Datasheet HTML 17Page - STMicroelectronics STWLC68 Datasheet HTML 18Page - STMicroelectronics STWLC68 Datasheet HTML 19Page - STMicroelectronics STWLC68 Datasheet HTML 20Page - STMicroelectronics STWLC68 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Figure 12. Reading from a single register
Reading from multiple registers (page reading)
Similarly to multiple (page) writing, reading from subsequent registers relies on auto-increment of the register: the
master can extend data reading to the following registers by generating and ACK pulse at the end of each byte.
Data reading starts immediately and the stream is terminated by a NACK pulse at the end of the last data byte,
followed by a STOP condition (Figure 13).
Figure 13. Reading from multiple registers
5.9
Register map
The STWLC68 can be monitored and controlled by accessing the internal registers via I2C interface. The
following registers map reports the accessible addresses. Registers marked with † are read-only and should
not be altered by the user. Addresses not shown in the map and blank bits have to be considered reserved and
not altered as well.
Table 6. Registers map
Register
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x0000
CHIP_ID†
Chip ID
0x0001
0x0002
CHIP_REV†
Chip Revision
0x0006
ROM_ID†
ROM ID
0x0007
0x0008
CFG_ID†
OTP memory configuration ID
0x0009
0x000A
TRIM_ID†
Production trimming version ID
0x000B
0x000C
PATCH_ID†
OTP patch version ID
STWLC68
Register map
DS13131 - Rev 3
page 17/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com