Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STWLC68 Datasheet HTML 21Page - STMicroelectronics STWLC68 Datasheet HTML 22Page - STMicroelectronics STWLC68 Datasheet HTML 23Page - STMicroelectronics STWLC68 Datasheet HTML 24Page - STMicroelectronics STWLC68 Datasheet HTML 25Page - STMicroelectronics STWLC68 Datasheet HTML 26Page - STMicroelectronics STWLC68 Datasheet HTML 27Page - STMicroelectronics STWLC68 Datasheet HTML 28Page - STMicroelectronics STWLC68 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
Coil thermal protection
Maximizing the power transfer is often desirable, but not always possible in all operating conditions: applications
in which the wireless power receiver has poor power dissipation capability and/or the power loss in the receiving
coil is relevant (e.g. very tiny and slim coils with relatively high DC-resistance) may require some thermal
protection. This feature is easily implemented with STWLC68 thanks to its NTC pin. A channel of the internal ADC
is routed to the NTC pin, allowing the user to read the voltage across an external NTC thermistor.
Figure 15. External NTC thermistor connection
Defining a protection threshold is clearly possible by setting the internal registers of STWLC68. The voltage at the
NTC pin is sampled, converted and compared to the threshold every millisecond: if an over-temperature occurs
and the corresponding interrupt is enabled, the INT pin goes low. Additionally, one of the following actions (or
both) may take place according to the selected option.
1.
Main LDO linear regulator output disconnection;
2.
End-of-Power-Transfer packet transmission
The value of the NTC thermistor and the high-side resistor (R6 in Figure 15) are not critical. An example for R6
and R7 is shown in Table 7: with these parts the 0.6 V threshold at the NTC pin is crossed at about 65°C.
6.3
PCB routing guidelines
1.
Auxiliary 1V8 and 5V0 LDO filtering capacitors should be placed as close as possible to the STWLC68.
Connection traces should be short and placed in top layer. Capacitors ground can be connected directly into
GND plane.
2.
CRECT and COUT capacitors should be placed close to STWLC68 with higher priority than RCL resistor
3.
Power traces (AC1, AC2, VRECT, VOUT) should be kept wide enough to sustain high current. Duplicating
these traces in inner layers is advisable wherever possible.
4.
AC1 and AC2 tracks should be routed closely to minimize the area of the resulting loop antenna.
5.
Thermal performance and grounding should be always optimized by preserving bottom layer (usually
assigned to ground) integrity.
6.4
References
1.
The Qi Wireless Power Transfer System; Power Class 0 Specification; Version 1.2.2
2.
PMA Inductive Wireless Power Transfer Receiver Specification - System Release 1
STWLC68
PCB routing guidelines
DS13131 - Rev 3
page 25/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com