Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 4 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 4 Page - STMicroelectronics

  STWLC68 Datasheet HTML 1Page - STMicroelectronics STWLC68 Datasheet HTML 2Page - STMicroelectronics STWLC68 Datasheet HTML 3Page - STMicroelectronics STWLC68 Datasheet HTML 4Page - STMicroelectronics STWLC68 Datasheet HTML 5Page - STMicroelectronics STWLC68 Datasheet HTML 6Page - STMicroelectronics STWLC68 Datasheet HTML 7Page - STMicroelectronics STWLC68 Datasheet HTML 8Page - STMicroelectronics STWLC68 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
3
Device pinout
Figure 2. Pin assignment (through top view)
Table 1. Pin description
Pin name
Pin location
Pin function
VSSA
C4,C5,D3,D4,
D5,E5,F5,F6,
G6,G7
Analog ground. Power return for the main LDO and the analog circuitry.
VSSD
E4, F3, F4, G2, G3,
G4, H3, H4, H5, H6,
H7
Digital ground. Reference for digital input and output signals.
VSSP
A1, A8, B1, B8
Power ground. Power return for the synchronous rectifier.
AC1
A6, A7, B6, B7
AC power input: input of the synchronous rectifier. Connect to RX series resonant
circuit.
AC2
A2, A3, B2, B3
AC power input: input of the synchronous rectifier. Connect to RX series resonant
circuit.
BOOT1
E7
Synchronous rectifier bootstrap capacitor connection: a 47 nF (typ.) ceramic capacitor
is connected between this pin and AC1.
BOOT2
C1
Synchronous rectifier bootstrap capacitor connection: a 47 nF (typ.) ceramic capacitor
is connected between this pin and AC2.
BOOT
E8
Main LDO power transistor bootstrap capacitor. Connect a 4.7 nF (typ.) ceramic
capacitor between this pin and VRECT.
STWLC68
Device pinout
DS13131 - Rev 3
page 4/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com