Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STWLC68 Datasheet HTML 14Page - STMicroelectronics STWLC68 Datasheet HTML 15Page - STMicroelectronics STWLC68 Datasheet HTML 16Page - STMicroelectronics STWLC68 Datasheet HTML 17Page - STMicroelectronics STWLC68 Datasheet HTML 18Page - STMicroelectronics STWLC68 Datasheet HTML 19Page - STMicroelectronics STWLC68 Datasheet HTML 20Page - STMicroelectronics STWLC68 Datasheet HTML 21Page - STMicroelectronics STWLC68 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
Register
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x000D
PATCH_ID
OTP patch version ID
0x0010
INT_EN
Out_Off_Int
_En
Out_On_Int
_En
OVP_Int_E
n
OCP_Int_E
n
OTP_Int_E
n
0x0011
Vrect_Rdy_
Int_En
Sig_Str_Int
_En
0x0012
INT_CLR
Out_Off_Int
_Clr
Out_On_Int
_Clr
OVP_Int_C
lr
OCP_Int_C
lr
OTP_Int_Cl
r
0x0013
Vrect_Rdy_
Int_Clr
Sig_Str_Int
_Clr
0x0014
INT_LATCH
Out_Off_Int
_Latch
Out_On_Int
_Latch
OVP_Int_L
atch
OCP_Int_L
atch
OTP_Int_L
atch
0x0015
Vrect_Rdy_
Int_Latch
Sig_Str_Int
_Latch
0x0016
INT_STA
Out_Off_Int
_Flag
Out_On_Int
_ Flag
OVP_Int_
Flag
OCP_Int_
Flag
OTP_Int_
Flag
0x0017
Vrect_Rdy_
Int_ Flag
Sig_Str_Int
_ Flag
0x0018
OTP_LATCH
NTC_OTP_
Latch
Rect_OTP_
Latch
Lin_Reg_O
TP_Latch
0x0019
OVP_LATCH
Fxd_OVPS
_Latch
Adj_OVPS
_Latch
0x001A
OCP_LATCH
OCP_Latch
0x001C
SYS_ERR0
ECC_Doub
le_Bit_Err
Header_Se
ction_Err
M0_Hard_
Fault_Err
0x001D
SYS_ERR1
Chip_Info_Sector_Error
[1:0]
Patch_Sector_Error [1:0]
Configuration_Sector_Er
ror [1:0]
Trimming_Sector_Error
[1:0]
0x001E
SYS_ERR2
OTP_Memory_Trimming
_Sector_Error [1:0]
0x0020
DIR_CMD
Send_EPT
Send_Msg
0x0021
Out_Off
Out_On
0x0038
AC_FREQ
Rectifier Operating Frequency (in kHz)
0x0039
0x003A
S_STR_TX
Signal Strength Level sent to transmitter
0x003C
VOUT_SET
Output Voltage setting: 25 mV to 22 V (25 mV/step)
0x003D
0x0040
VTH_AOE
Voltage threshold for Automatic Output Enable: 240 mV to 1049 mV (16 mV/step)
0x0041
LCR_THR
Normal-Current Range (NCR) to Low-Current Range (LCR) threshold (4 mA/
step)
0x0042
LCR_HYST
Low-Current Range (LCR) to Normal-Current Range (NCR) hysteresis (4 mA/
step)
0x0043
MOD_CFG
LCR_Clam
p_Mod_En
LCR_Com
m_Mod_En
NCR_Clam
p_Mod_En
NCR_Com
m_Mod_En
0x0044
IDMYL_SET
Dummy Load current: 0 mA to 310 mA (10 mA/step)
0x0045
VRECT_MIN
Vrect_Min_
Ctrl_En
Minimum VRECT voltage (3.5V to 11V, 0,5 V/step) for constant
VOUT
0x0049
VDROP_V0
Linear regulator target drop-out voltage, setpoint 0
0x004A
VDROP_V1
Linear regulator target drop-out voltage, setpoint 1
STWLC68
Register map
DS13131 - Rev 3
page 18/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com