Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 14 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STWLC68 Datasheet HTML 10Page - STMicroelectronics STWLC68 Datasheet HTML 11Page - STMicroelectronics STWLC68 Datasheet HTML 12Page - STMicroelectronics STWLC68 Datasheet HTML 13Page - STMicroelectronics STWLC68 Datasheet HTML 14Page - STMicroelectronics STWLC68 Datasheet HTML 15Page - STMicroelectronics STWLC68 Datasheet HTML 16Page - STMicroelectronics STWLC68 Datasheet HTML 17Page - STMicroelectronics STWLC68 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 32 page
background image
The STWLC68 has been assigned 0x61 as 7-bit hardware address, resulting in 0xC2 and 0xC3 8-bit addresses
for write and read operations respectively. Since both SDA and SCL pins of the STWLC68 have an open-drain
output stage, the high level is determined by external pull-up resistors at system level. The pins are tolerant up
to 5 V and the pull-up resistors should be selected as a trade-off between communication speed (lower resistors
lead to faster edges) and data integrity (the input logic levels have to be guaranteed to preserve communication
reliability).
Figure 4. I2C timing reference
Data Validity
As shown in Figure 5, the data on the SDA line must be stable during the high period of the clock. The high and
low states of the SDA line can only change when the SCL clock signal is low.
Figure 5. Data validity on the I2C bus
Start and Stop Conditions
Both SDA and SCL lines remain high when the I2C bus is not busy. As shown in Figure 6, a start condition is a
high-to-low transition of the SDA line when SCL is high, while the stop condition is a low-to-high transition of the
SDA line when SCL is high. A STOP condition must be sent before each START condition.
Figure 6. Start and Stop Condition on the I2C Bus
STWLC68
I2C interface
DS13131 - Rev 3
page 14/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com