Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 1 Page - STMicroelectronics

  STWLC68 Datasheet HTML 1Page - STMicroelectronics STWLC68 Datasheet HTML 2Page - STMicroelectronics STWLC68 Datasheet HTML 3Page - STMicroelectronics STWLC68 Datasheet HTML 4Page - STMicroelectronics STWLC68 Datasheet HTML 5Page - STMicroelectronics STWLC68 Datasheet HTML 6Page - STMicroelectronics STWLC68 Datasheet HTML 7Page - STMicroelectronics STWLC68 Datasheet HTML 8Page - STMicroelectronics STWLC68 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
Features
Up to 5 W output power
Qi 1.2.4 inductive wireless standard communication protocol compliant
Integrated 27 V synchronous rectifier with 98% (typ.) efficiency
Low drop-out linear regulator with output current and input voltage control loops
3.6 V to 20 V programmable output voltage with 25 mV resolution
Up to 80% overall system efficiency
32-bit, 64 MHz ARM Cortex microcontroller core
OTP memory for configuration data
8-channels, 10-bit A/D Converter
6 configurable GPIOs
Accurate voltage/current measurement for Foreign Object Detection (FOD)
Output Over-Voltage clamping protection
400 kHz I2C interface
On-chip thermal management and protections (Over-voltage, Over-current)
Enhanced power dissipation capability Chip-Scale Package (CSP)
Application
Smartphones and PDAs
Power banks
GPS navigators
Medical and healthcare equipment
Wearable devices
Description
The STWLC68 is an integrated Wireless Power Receiver suitable for portable
applications and capable of managing up to 5 W of output power. The chip has been
designed to support Qi 1.2.4 specifications for inductive communication protocol and
Base Power Profile (BPP).
The STWLC68 shows excellent efficiency performance thanks to the integrated low-
loss synchronous rectifier and the low drop-out linear regulator: both elements are
dynamically managed by the digital core to minimize the overall power dissipation
over a wide range of output load conditions.
Through the I2C interface the user can access and modify different configuration
parameters, tailoring the operation of the device to the needs of custom applications.
The configuration parameters can be saved in the embedded OTP memory and
automatically retrieved at power-up, allowing the STWLC68 to operate as stand-
alone device.
The STWLC68 is housed in a Chip-Scale Package to fit real-estate solutions in
wearable devices.
Product status link
STWLC68
Product summary
Order code
STWLC68JRF
Package
Flip Chip (3.29 x
3.70 mm)
Packing
Tape and reel
Qi-compliant inductive wireless power receiver for 5W applications
STWLC68
Datasheet
DS13131 - Rev 3 - September 2021
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STWLC68

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STWLC03 STMICROELECTRONICS-STWLC03 Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
STWLC03JR STMICROELECTRONICS-STWLC03JR Datasheet
469Kb / 5P
Dual mode Qi/PMA wireless power receiver
05-Jun-2015
STWLC04 STMICROELECTRONICS-STWLC04 Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STWLC04JR STMICROELECTRONICS-STWLC04JR Datasheet
1Mb / 18P
Qi based, 1 W optimized wireless power receiver
06-Sep-2016
STWLC33 STMICROELECTRONICS-STWLC33 Datasheet
431Kb / 7P
Multi-mode Qi/AirFuel inductive wireless power receiver with transmitter function
23-Feb-2017
More results

Similar Description - STWLC68

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7763WBG TOSHIBA-TC7763WBG Datasheet
748Kb / 28P
Qi Compliant Wireless Power Receiver Controller IC
logo
Texas Instruments
BQ51013B TI1-BQ51013B_15 Datasheet
3Mb / 47P
Highly Integrated Wireless Receiver Qi Compliant Power Supply
logo
Integrated Device Techn...
P9025AC IDT-P9025AC Datasheet
419Kb / 20P
5W, Qi Wireless Power Receiver
logo
Texas Instruments
BQ51013A TI1-BQ51013A_17 Datasheet
3Mb / 45P
INTEGRATED WIRELESS POWER SUPPLY RECEIVER, Qi (WIRELESS POWER CONSORTIUM) COMPLIANT
logo
Generalplus Technology ...
GPMQ8101A GENERALPLUS-GPMQ8101A Datasheet
392Kb / 11P
QI Compliant Wireless Power Receiver
GPMQ8101A-WPRX-M1 GENERALPLUS-GPMQ8101A-WPRX-M1 Datasheet
373Kb / 9P
QI Compliant Wireless Power Receiver Module
GPMQ8102A GENERALPLUS-GPMQ8102A Datasheet
651Kb / 12P
Qi Compliant Wireless Power Receiver
logo
Kinetic Technologies.
KTE7000 KINETIC-KTE7000 Datasheet
207Kb / 2P
5W Wireless Power Receiver for WPC/Qi BPP
March 2022 - Revision 04d
logo
Toshiba Semiconductor
TC7761WBG TOSHIBA-TC7761WBG Datasheet
777Kb / 29P
Qi Compliant Wireless Power Receiver Controller IC
2014-05-15
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com