Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STWLC68 Datasheet HTML 8Page - STMicroelectronics STWLC68 Datasheet HTML 9Page - STMicroelectronics STWLC68 Datasheet HTML 10Page - STMicroelectronics STWLC68 Datasheet HTML 11Page - STMicroelectronics STWLC68 Datasheet HTML 12Page - STMicroelectronics STWLC68 Datasheet HTML 13Page - STMicroelectronics STWLC68 Datasheet HTML 14Page - STMicroelectronics STWLC68 Datasheet HTML 15Page - STMicroelectronics STWLC68 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
5.6
GPIOx and INTB pins
The GPIO0 through GPIO5 pins are programmable general-purpose I/O pins whose functions can be assigned in
OTP memory. These pins can be configured both as inputs and outputs (either push-pull or open-drain) according
to the selected function.
The INTB pin is an interrupt output line that can be associated to any internal interrupt condition and used to
inform the host system about specific events. The INTB pin can be programmed to be push-pull or open-drain
type as well.
The following table reports the available functions that can be assigned by writing the corresponding GPIOx-FS
register.
Table 5. List of selectable functions for GPIOx pins
GPIO function and type
GPIOx-FS register
Description
GPIOF_NONE
I
0x00
No function
GPIOF_XINT_OD
O
0x03
Interrupt signal status (inverted), open-drain
GPIOF_XINT_PP
O
0x04
Interrupt signal status (inverted), push-pull
GPIOF_OUT_INH
I
0x05
Output voltage inhibit control (input):
low = enable VOUT, high = inhibit VOUT
GPIOF_OUT_MON
O
0x06
Output status monitor
low = VOUT disabled, high = VOUT enabled
GPIOF_OUT_XMON
O
0x07
Output status monitor (inverted)
low = VOUT enabled, high = VOUT disabled
GPIOF_OUT_XMON_OD
O
0x08
Output status monitor (inverted, open-drain)
low = VOUT enabled, high = VOUT disabled
GPIOF_ADC_TICK
O
0x0F
ADC sampling toggling ticker (debug)
GPIOF_CORE_XRDY
O
0x1D
Digital core ready (inverted). If low, core and I2C
interface are ready.
Note:
the INTB pin is also used as auxiliary control signal by the Graphical User Interface (GUI) during OTP flashing.
This signal must be conveniently routed to the programming connector in the application (see evaluation boards
as a reference)
5.7
Wireless power interface
The blocks that refer to the wireless power interface are the synchronous rectifier, the main LDO linear regulator
and the ASK modulator, as well as the digital core as supervisor. As previously mentioned, the power transfer
from the transmitter to the receiver is actually the result of a procedure that involves different phases.
In brief, a power transfer begins after the transmitter has properly detected a valid receiver and a specific
communication has been established between the two parts. Without entering the details of the different phases,
the basic sequence of events taking place when a receiver is properly placed on the transmitting coil are
summarized as:
Analog ping: this is the initial step of the so-called “selection phase”. A brief AC burst is periodically
generated by the transmitter in order to detect the presence of a potential receiver on its transmitting
surface. Through analog ping the transmitter could eventually be able to discriminate foreign objects.
Digital ping: this step is an interrogation session based on a more energetic AC burst during which the
potential receiver is expected to reply through amplitude shift-keying (ASK) modulation.
Identification & configuration: this is the following step aiming to identify the receiver and to gather
information about its power transfer capability. The transmitter generates a so-called “Power Transfer
Contract” tailoring some parameters that will characterize the following power transfer phase.
Power transfer: this is the final step, where the transmitter initially increases and subsequently modulates the
transmitted power in response to the control (feedback) data from the receiver.
STWLC68
GPIOx and INTB pins
DS13131 - Rev 3
page 12/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com