Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STWLC68 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STWLC68
Description  Qi-compliant inductive wireless power receiver for 5W applications
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STWLC68 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STWLC68 Datasheet HTML 16Page - STMicroelectronics STWLC68 Datasheet HTML 17Page - STMicroelectronics STWLC68 Datasheet HTML 18Page - STMicroelectronics STWLC68 Datasheet HTML 19Page - STMicroelectronics STWLC68 Datasheet HTML 20Page - STMicroelectronics STWLC68 Datasheet HTML 21Page - STMicroelectronics STWLC68 Datasheet HTML 22Page - STMicroelectronics STWLC68 Datasheet HTML 23Page - STMicroelectronics STWLC68 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
Register
Address
Register name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
0x00C2
PROT_EN
Irect_OCP_
en
0x00C4
PROT_EPT
Vntc_OTP_
EPT_Req
Tlr_OTP_E
PT_Req
Trect_OTP
_EPT_Req
0x00C5
Fxd_OVPS
_EPT_Req
Adj_OVPS
_ EPT_Req
0x00C6
Irect_OCP_
EPT_Req
0x00C8
PROT_OD
Vntc_OTP_
Out_Disc
Tlr_OTP_
Out_Disc
Trect_OTP
_ Out_Disc
0x00C9
Vrect_OVP
_ Out_Disc
0x00CA
Irect_OCP_
Out_Disc
0x00D3
MFR_ID1
Manufacturer ID (MSByte)
0x00D4
MFR_ID0
Manufacturer ID (LSByte)
0x00D5
BDEV_ID3
Xtd_ID_En
Basic Device ID (MSByte)
0x00D6
BDEV_ID2
Basic Device ID
0x00D7
BDEV_ID1
Basic Device ID
0x00D8
BDEV_ID0
Basic Device ID (LSByte)
0x00D9
XDEV_ID7
Extended Device ID (MSByte)
0x00DA
XDEV_ID6
Extended Device ID
0x00DB
XDEV_ID5
Extended Device ID
0x00DC
XDEV_ID4
Extended Device ID
0x00DD
XDEV_ID3
Extended Device ID
0x00DE
XDEV_ID2
Extended Device ID
0x00DF
XDEV_ID1
Extended Device ID
0x00E0
XDEV_ID0
Extended Device ID (LSByte)
0x00F0
GPIO0_FS
GPIO0 pin Function Selector
0x00F1
GPIO1_FS
GPIO1 pin Function Selector
0x00F2
GPIO2_FS
GPIO2 pin Function Selector
0x00F3
GPIO3_FS
GPIO3 pin Function Selector
0x00F4
GPIO4_FS
GPIO4 pin Function Selector
0x00F5
GPIO5_FS
GPIO5 pin Function Selector
0x00F6
GPIO6_FS
GPIO6 (INT pin) Function Selector
0x0150
VRECT_ADC
VRECT voltage ADC reading (in mV)
0x0151
0x0152
VOUT_ADC
VOUT voltage ADC reading (in mV)
0x0153
0x0154
IRECT_ADC
IRECT current ADC reading (in mA)
0x0155
0x0158
TRECT_ADC
Rectifier Temperature sensor ADC reading (in °C)
0x0159
STWLC68
Register map
DS13131 - Rev 3
page 20/32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com