Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 1 Page - Renesas Technology Corp

  P9221-R Datasheet HTML 1Page - Renesas Technology Corp P9221-R Datasheet HTML 2Page - Renesas Technology Corp P9221-R Datasheet HTML 3Page - Renesas Technology Corp P9221-R Datasheet HTML 4Page - Renesas Technology Corp P9221-R Datasheet HTML 5Page - Renesas Technology Corp P9221-R Datasheet HTML 6Page - Renesas Technology Corp P9221-R Datasheet HTML 7Page - Renesas Technology Corp P9221-R Datasheet HTML 8Page - Renesas Technology Corp P9221-R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
Wireless Power Receiver
for 15W Applications
P9221-R
Datasheet
© 2017 Integrated Device Technology, Inc.
1
October 10, 2017
AC1
COMM1
BST1
AC2
COMM2
BST2
OUT
SDA
SCL
INT
Programming
Resistors
LS
P9221-R
CS
COUT
Description
The P9221-R is a high-efficiency, Qi-compliant wireless power
receiver targeted for applications up to 15W. Using magnetic induc-
tive charging technology, the receiver converts an AC power signal
from a resonant tank to a programmable regulated 9V or 12V DC
output voltage. The integrated, low RDSON synchronous rectifier
and ultra-low dropout linear (LDO) regulator offer high efficiency,
making the product ideally suited for battery-operated applications.
The P9221-R includes an industry-leading 32 bit ARM® Cortex®-
M0 microprocessor offering a high level of programmability. In
addition, the P9221-R features a programmable current limit and a
patented over-voltage protection scheme eliminating the need for
additional capacitors generally used by receivers and minimizing
the external component count and cost. Together with IDT’s
P9242-R transmitter (Tx), the P9221-R is a complete wireless
power system solution for power applications up to 15W.
The P9221-R is available in a 52-WLCSP package, and it is rated
for a 0 to 85°C ambient operating temperature range.
Typical Applications
Mobile phones
Tablets
Accessories
Medical
Features
Single-chip solution supporting up to 15W applications
WPC-1.2.3 compliant
Patented over-voltage protection clamp eliminating external
capacitors
87% peak DC-to-DC efficiency with P9242-R Tx
Full synchronous rectifier with low RDSON switches
Programmable output voltage: 9V or 12V
User-programmable foreign-object detection (FOD)
Embedded 32-bit ARM® Cortex®-M0 processor
Dedicated remote temperature sensing
Power transfer LED indicator
Programmable current limit
Active-low enable pin for electrical on/off
Open-drain interrupt flag
Supports I2C interface
0 to +85°C ambient operating temperature range
52-WLCSP (2.64
 3.94 mm; 0.4mm pitch)
Typical Application Circuit


Similar Part No. - P9221-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
P9221-R3 RENESAS-P9221-R3 Datasheet
1Mb / 46P
15W Wireless Charging Receiver with Bi-directional Data Communication
October 20, 2017
logo
Integrated Device Techn...
P9221-RAHGI8 IDT-P9221-RAHGI8 Datasheet
1Mb / 35P
Wireless Power Receiver
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
More results

Similar Description - P9221-R

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
P9221-R IDT-P9221-R_17 Datasheet
1Mb / 35P
Wireless Power Receiver for 15W Applications
logo
Renesas Technology Corp
RAA457100GBM RENESAS-RAA457100GBM Datasheet
867Kb / 27P
Wireless Charging System Receiver IC for Low Power Applications
logo
Integrated Device Techn...
P9260 IDT-P9260 Datasheet
158Kb / 2P
15W Wireless Power Transmitter
logo
Kinetic Technologies.
KTE7001 KINETIC-KTE7001 Datasheet
207Kb / 2P
15W Wireless Power Receiver for WPC/Qi BPP/EPP
September 2021 - Revision 04d
logo
Renesas Technology Corp
P9415-R RENESAS-P9415-R Datasheet
1Mb / 62P
15W Wireless Power Receiver with WattShare™ Mode
May 4, 2021
logo
STMicroelectronics
STWLC38 STMICROELECTRONICS-STWLC38 Datasheet
728Kb / 5P
Qi-compliant dual mode wireless power receiver for up to 15W applications
16-Jun-2022
logo
Renesas Technology Corp
P9027LP-R RENESAS-P9027LP-R Datasheet
2Mb / 28P
Wireless Power Receiver for ≤ 3W Applications
April 28, 2016
P9222-R RENESAS-P9222-R Datasheet
3Mb / 58P
Wireless Power Receiver for Low Power Applications
May 5, 2022
P9225-R RENESAS-P9225-R Datasheet
1Mb / 35P
Dual-Mode Wireless Power Receiver for 5W Applications
November 12, 2018
P9242-R RENESAS-P9242-R Datasheet
1Mb / 38P
Wireless Power Transmitter for 15W Applications
January 16, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com