Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 19Page - Renesas Technology Corp P9221-R Datasheet HTML 20Page - Renesas Technology Corp P9221-R Datasheet HTML 21Page - Renesas Technology Corp P9221-R Datasheet HTML 22Page - Renesas Technology Corp P9221-R Datasheet HTML 23Page - Renesas Technology Corp P9221-R Datasheet HTML 24Page - Renesas Technology Corp P9221-R Datasheet HTML 25Page - Renesas Technology Corp P9221-R Datasheet HTML 26Page - Renesas Technology Corp P9221-R Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
23
October 10, 2017
10. WPC Mode Characteristics
The Extended Power Profile adds a negotiation phase, a calibration phase, and renegotiation phase to the basic system control functionality of
the Base line Power Profile, as shown in Figure 23.
Figure 23. WPC Power Transfer Phases Flowchart
START
Object
detected
Error condition
Negotiation failure or
error condition or FOD
Calibration
successful
Negotiation
successful
Negotiation requested
No negotiation requested
(<= 5W power received only)
Renegotiation
completed
Calibration failure or
error condition
No response or
no power needed
Selection
Ping
Identification and
Configuration
Negotiation
Renegotiation
Calibration
Power Transfer
Power receiver
present
Power transfer complete
or error condition
Renegotiation
requested
Error
condition
10.1 Selection Phase or Startup
In the selection phase, the power transmitter determines if it will proceed to the ping phase after detecting the placement of an object. In this
phase, the power transmitter typically monitors the interface surface for the placement and removal of objects using a small measurement
signal. This measurement signal should not wake up a power receiver that is positioned on the interface surface.
10.2 Ping Phase (Digital Ping)
In the ping phase, the power transmitter will transmit power and will detect the response from a possible power receiver. This response ensures
the power transmitter that it is dealing with a power receiver rather than some unknown object. When a mobile device containing the P9221-R
is placed on a WPC “Qi” charging pad, it responds to the application of a power signal by rectifying this power signal. When the voltage on
VRECT is greater than the UVLO threshold, then the internal bandgaps, reference voltage, and the internal voltage regulators (5V and 1.8V)
are turned on, and the microcontroller’s startup is initiated enabling the WPC communication protocol.
If the power transmitter correctly receives a signal strength packet, the power transmitter proceeds to the identification and configuration phase
of the power transfer, maintaining the power signal output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com