Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 25Page - Renesas Technology Corp P9221-R Datasheet HTML 26Page - Renesas Technology Corp P9221-R Datasheet HTML 27Page - Renesas Technology Corp P9221-R Datasheet HTML 28Page - Renesas Technology Corp P9221-R Datasheet HTML 29Page - Renesas Technology Corp P9221-R Datasheet HTML 30Page - Renesas Technology Corp P9221-R Datasheet HTML 31Page - Renesas Technology Corp P9221-R Datasheet HTML 32Page - Renesas Technology Corp P9221-R Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
29
October 10, 2017
Table 24. Command Register
Address and Bit
Register Field Name
R/W
Default
Function and Description
004EHEX [7:6]
Reserved
R
0HEX
Reserved.
004EHEX [5]
Clear_Interrupt
RW
0HEX
If application processor sets this bit to "1," the P9221-R clears
the interrupt pin.
004EHEX [4]
Send_Battery_Charge_Status
packet
R
0HEX
If the application processor sets this bit to "1,” the P9221-R
sends the charge status packet once (from the
Batt_Charge_status register; see Table 15) and then sets this
bit to “0.”
004EHEX [3]
Send_End_Power_Transfer
RW
0HEX
If application processor sets this bit to "1," the P9221-R sends
the end power transfer packet (defined in the EPT_Code
register in Table 16) to the transmitter and then sets this bit to
"0."
004EHEX [2]
Reserved
R
0HEX
Reserved
004EHEX [1]
Toggle_LDO_On-OFF
RW
0HEX
If application processor sets this bit to "1,” the P9221-R toggles
the LDO output once (from on to off or from off to on), and then
sets this bit to “0.”
004EHEX [0]
Reserved
R
0HEX
Reserved
12. Application Information
12.1 Power Dissipation and Thermal Requirements
The use of integrated circuits in low-profile and fine-pitch surface-mount packages requires special attention to power dissipation. Many system-
dependent issues such as thermal coupling, airflow, added heat sinks, convection surfaces, and the presence of other heat-generating
components must be taken into consideration.
The P9221-R package has a maximum power dissipation of approximately 1.72W, which is governed by the number of thermal vias between
the package and the printed circuit board. The die’s maximum power dissipation is specified by the junction temperature and the package
thermal resistance. The WLCSP package has a typical θJA of 47ºC/W with 8 thermal vias and 77ºC/W with no thermal vias. Maximizing the
thermal vias is highly recommended.
The ambient temperature surrounding the P9221-R will also have an effect on the thermal limits of the printed circuit board (PCB). The main
factors influencing thermal resistance (θJA) are the PCB characteristics and thermal vias. For example, in a typical still-air environment, a
significant amount of the heat generated is absorbed by the PCB. Changing the design or configuration of the PCB changes the overall thermal
resistivity and therefore the board’s heat-sinking efficiency.
Three basic approaches for enhancing thermal performance are listed below:
Improving the power dissipation capability of the PCB design
Improving the thermal coupling of the component to the PCB.
Introducing airflow into the system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com