Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 30 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 30 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 26Page - Renesas Technology Corp P9221-R Datasheet HTML 27Page - Renesas Technology Corp P9221-R Datasheet HTML 28Page - Renesas Technology Corp P9221-R Datasheet HTML 29Page - Renesas Technology Corp P9221-R Datasheet HTML 30Page - Renesas Technology Corp P9221-R Datasheet HTML 31Page - Renesas Technology Corp P9221-R Datasheet HTML 32Page - Renesas Technology Corp P9221-R Datasheet HTML 33Page - Renesas Technology Corp P9221-R Datasheet HTML 34Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
30
October 10, 2017
First, the maximum power dissipation for a given situation should be calculated using Equation 6:
PD(MAX) =
(TJ(MAX) − TAMB)
θJA
Equation 6
Where PD(MAX) = Maximum power dissipation
θJA = Package thermal resistance (°C/W)
TJ(MAX) = Maximum device junction temperature (°C)
TAMB = Ambient temperature (°C)
The maximum recommended junction temperature (TJ(MAX)) for the P9221-R device is 125°C. The thermal resistance of the 52-WLCSP package
(AHG52) is nominally θJA=47°C/W with 8 thermal vias. Operation is specified to a maximum steady-state ambient temperature (TAMB) of 85°C.
Therefore, the maximum recommended power dissipation is given by Equation 7.
PD(MAX) =
(
124°C − 85°C)
47°C/W
≅ 0.85 Watt
Equation 7
All the above-mentioned thermal resistances were determined with the P9221-R mounted on a standard board of the dimensions and
characteristics specified by the JEDEC 51 standard.
12.2 Recommended Coils
The following coils are recommended with the P9221-R receiver for 15W applications for optimum performance. The recommended vendor
coils have been tested and verified as shown in Table 25.
Table 25. Recommended Coil Manufacturers
Output Power
Vendor
Part number
Inductance at 100kHz
ACR at 20°C
Series Resonant Capacitance
15W
AMOTECH
ASC-504060E00-S00
8.2µH
220mΩ
400nF
15W
TDK
WR424245-13K2-G
11.2µH
170mΩ
300nF
15W
SUNLORD
SWA50R40H06C02B
8.4µH
150mΩ
400nF
15W
WURTH
760308102207
8.0µH
80mΩ
400nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com