Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 23Page - Renesas Technology Corp P9221-R Datasheet HTML 24Page - Renesas Technology Corp P9221-R Datasheet HTML 25Page - Renesas Technology Corp P9221-R Datasheet HTML 26Page - Renesas Technology Corp P9221-R Datasheet HTML 27Page - Renesas Technology Corp P9221-R Datasheet HTML 28Page - Renesas Technology Corp P9221-R Datasheet HTML 29Page - Renesas Technology Corp P9221-R Datasheet HTML 30Page - Renesas Technology Corp P9221-R Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
27
October 10, 2017
Table 15. Battery Charge Status
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
003AHEX [7:0]
Batt_Charg_status
R/W
00HEX
Battery charge status value sent to transmitter.[a]
[a] Firmware only forwards the data from the application processor to transmitter.
Table 16. End Power Transfer
The application processor initiates the End Power Transfer (EPT).
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
003BHEX [7:0]
EPT_Code
R/W
00HEX
EPT_Code sent to transmitter.
Table 17. Read Register – Output Voltage
VOUT =
ADC_VOUT ∗ 6 ∗ 2.1
4095
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
003CHEX [7:0]
ADC_VOUT [7:0]
R
00HEX
8 LSB of VOUT ADC value.
003DHEX [7:4]
Reserved
R
0HEX
Reserved.
003DHEX [3:0]
ADC_VOUT [11:8]
R
0HEX
4 MSB of VOUT ADC value.
Table 18. Read Register – VRECT Voltage
VRECT =
ADC_VRECT ∗ 10 ∗ 2.1
4095
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0040HEX [7:0]
ADC_VRECT [7:0]
R
–
8 LSB of VRECT ADC value.
0041HEX [7:4]
Reserved
R
0HEX
Reserved
0041HEX [3:0]
ADC_VRECT [11:8]
R
–
4 MSB of VRECT ADC value.
Table 19. Read Register – IOUT Current
IOUT =
RX_IOUT ∗ 2 ∗ 2.1
4095
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0044HEX [7:0]
RX_IOUT [7:0]
RHEX
–
8 LSB of IOUT. Output current in mA.
0045HEX [7:0]
RX_IOUT [15:8]
RHEX
–
8 MSB of IOUT. Output current in mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com