Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 17Page - Renesas Technology Corp P9221-R Datasheet HTML 18Page - Renesas Technology Corp P9221-R Datasheet HTML 19Page - Renesas Technology Corp P9221-R Datasheet HTML 20Page - Renesas Technology Corp P9221-R Datasheet HTML 21Page - Renesas Technology Corp P9221-R Datasheet HTML 22Page - Renesas Technology Corp P9221-R Datasheet HTML 23Page - Renesas Technology Corp P9221-R Datasheet HTML 24Page - Renesas Technology Corp P9221-R Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
21
October 10, 2017
9. Communication Interface
9.1
Modulation/Communication
The wireless medium power charging system uses two-way communication: receiver-to-transmitter and transmitter-to receiver.
Receiver-to-transmitter communication is accomplished by modulating the load seen by the receiver's inductor; the communication is purely
digital and symbols 1’s and 0’s ride on top of the power signal that exists between the two coils. Modulation is done with amplitude-shift keying
(ASK) modulation using internal switches to connect external capacitors from AC1 and AC2 to ground (see Figure 17) with a bit rate of 2Kbps.
To the transmitter, this appears as an impedance change, which results in measurable variations of the transmitter’s output waveform. The
power transmitter detects this as a modulation of coil current/voltage to receive the packets. See sections 9.2 and 9.3 for details for ASK
modulation.
Transmitter-to-receiver communication is accomplished by frequency-shift keying (FSK) modulation over the power signal frequency. The power
receiver P9221-R has the means to demodulate FSK data from the power signal frequency and use it in order to establish the handshaking
protocol with the power transmitter.
The P9221-R implements FSK communication when used in conjunction with WPC-compliant transmitters, such as the P9242-R. The FSK
communication protocol allows the transmitter to send data to the receiver using the power transfer link in the form of modulating the power
transfer signal. This modulation appears in the form of a change in the base operating frequency (fOP) to the modulated operating frequency
(fMOD) in periods of 256 consecutive cycles. Equation 5 should be used to compute the modulated frequency based on any given operating
frequency. The P9221-R will only implement positive FSK polarity adjustments; in other words, the modulated frequency will always be higher
than the operating frequency during FSK communication.
Communication packets are transmitted from transmitter to receiver with less than 1% positive frequency deviation following any receiver-to-
transmitter communication packet. The frequency deviation is calculated using Equation 5.
fMOD=
60000
60000
fOP
− 3
[KHz]
Equation 5
Where fMOD is the changed frequency in the power signal frequency; fOP is the base operating frequency of the power transfer; and 60000kHz
is the internal oscillator responsible for counting the period of the power transfer signal.
The FSK byte-encoding scheme and packet structure comply with the WPC specification revision 1.2.3. The FSK communication uses a
bi-phase encoding scheme to modulate data bits into the power transfer signal. The start bit will consist of 512 consecutive fMOD cycles (or logic
‘0’). A logic ‘1’ value will be sent by sending 256 consecutive fOP cycles followed by 256 fMOD cycles or vice versa, and a logic ‘0’ is sent by
sending 512 consecutive fMOD or fOP cycles.
Figure 18. Example of Differential Bi-phase Decoding for FSK
tCLK = 256/fOP
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
512 cycles
256 cycles
Each byte will comply with the start, data, parity, and stop asynchronous serial format structure shown in Figure 19:
Figure 19. Example of Asynchronous Serial Byte Format for FSK
Start
Stop
Parity
b
0
1
2
3
4
5
6
7
b
b
b
b
b
b
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com