Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 21Page - Renesas Technology Corp P9221-R Datasheet HTML 22Page - Renesas Technology Corp P9221-R Datasheet HTML 23Page - Renesas Technology Corp P9221-R Datasheet HTML 24Page - Renesas Technology Corp P9221-R Datasheet HTML 25Page - Renesas Technology Corp P9221-R Datasheet HTML 26Page - Renesas Technology Corp P9221-R Datasheet HTML 27Page - Renesas Technology Corp P9221-R Datasheet HTML 28Page - Renesas Technology Corp P9221-R Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
25
October 10, 2017
11. Functional Registers
The following tables provide the address locations, field names, available operations (R or RW), default values, and functional descriptions of
all the internally accessible registers contained within the P9221-R. The default I2 C slave address is 61HEX. The address of each register has a
two-byte structure. For example, the low byte of major firmware revision must be read with two bytes address with 00HEX and 04HEX.
Table 9.
Device Identification Register
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0000HEX [7:0]
Part_number_L
R
20HEX
P9221-R chip identification low byte
0001HEX [7:0]
Part_number_H
R
92HEX
P9221-R chip identification high byte
Table 10. Firmware Major Revision
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0004HEX [7:0]
FW_Major_Rev_L
R
01HEX
Major firmware revision low byte
0005HEX [7:0]
FW_Major_Rev_H
R
00HEX
Major firmware revision high byte
Table 11. Firmware Minor Revision
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0006HEX [7:0]
FW_Minor_Rev_L
R
29HEX
Minor firmware revision low byte
0007HEX [7:0]
FW_Minor_Rev_H
R
04HEX
Minor firmware revision high byte
Table 12. Status Registers
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0034HEX [7]
Vout_Status
R
0BIN
“0” output voltage is off.
“1” output voltage is on.
0034HEX [6]
Reserved
R
0BIN
0034HEX [5]
Reserved
R
0BIN
0034HEX [4]
Reserved
R
0BIN
0034HEX [3]
Reserved
R
0BIN
0034HEX [2]
Thermal_SHTDN_Status
R
0BIN
“0” indicates no over-temperature condition exists.
“1” indicates that the die temperature exceeds 130°C or the
NTC reading is less than 0.6V. The P9221-R sends an End
Power Transfer (EPT) packet to the transmitter.
0034HEX [1]
VRECT_OV_Status
R
0BIN
“1” indicates the rectifier voltage exceeds 20V for VOUT=12V. In
this case, the P9221-R sends an End Power Transfer (EPT)
packet to the transmitter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com