Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 15Page - Renesas Technology Corp P9221-R Datasheet HTML 16Page - Renesas Technology Corp P9221-R Datasheet HTML 17Page - Renesas Technology Corp P9221-R Datasheet HTML 18Page - Renesas Technology Corp P9221-R Datasheet HTML 19Page - Renesas Technology Corp P9221-R Datasheet HTML 20Page - Renesas Technology Corp P9221-R Datasheet HTML 21Page - Renesas Technology Corp P9221-R Datasheet HTML 22Page - Renesas Technology Corp P9221-R Datasheet HTML 23Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
19
October 10, 2017
8.11 Advanced Foreign Object Detection (FOD)
When metallic objects are exposed to an alternating magnetic field, eddy currents cause such objects to heat up. Examples of such parasitic
metal objects are coins, keys, paper clips, etc. The amount of heating depends on the strength of the coupled magnetic field, as well as on the
characteristics of the object, such as its resistivity, size, and shape. In a wireless power transfer system, the heating manifests itself as a power
loss, and therefore a reduction in power-transfer efficiency. Moreover, if no appropriate measures are taken, the heating could be sufficient that
the foreign object could become heated to an unsafe temperature.
During the power transfer phase (see section 10.6), the receiver periodically communicates to the transmitter the amount of power received by
means of a Received Power Packet (RPP). The transmitter will compare this power with the amount of power transmitted during the same time
period. If there is a significant unexplained loss of power, then the transmitter will shut off power delivery because a possible foreign object
might be absorbing too much energy.
For a WPC system to perform this function with sufficient accuracy, both the transmitter and receiver must account for and compensate for all
of their known losses. Such losses could be due to resistive losses or nearby metals that are part of the transmitter or receiver, etc. Because
the system accurately measures its power and accounts for all known losses, it can thereby detect foreign objects because they cause an
unknown loss. The WPC specification requires that a power receiver must report to the power transmitter its received power (PPR) in an RPP.
The maximum value of the received power accuracy ������Δ depends on the maximum power of the power receiver as defined in Table 8.
The power receiver must determine its PPR with an accuracy of ±������Δ, and report its received power as PRECEIVED = PPR + ������Δ. This means that
the reported received power is always greater than or equal to the transmitted power (PPT) if there is no foreign object (FO) present on the
interface surface.
Table 8.
Maximum Estimated Power Loss
Maximum Power [W]
Maximum ������������ [mW]
15
750
The compensation algorithm includes values that are programmable via either the I2C interface or OTP (one-time programmable) bits.
Programmability is necessary so that the calibration settings can be optimized to match the power transfer characteristics of each particular
WPC system to include the power losses of the transmit and receive coils, battery, shielding, and case materials under no-load to full-load
conditions. The values are based on the comparison of the received power against a reference power curve so that any foreign object can be
sensed when the received power is different than the expected system power.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com