Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9221-R Datasheet(PDF) 26 Page - Renesas Technology Corp

Part # P9221-R
Description  Wireless Power Receiver for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9221-R Datasheet(HTML) 26 Page - Renesas Technology Corp

Back Button P9221-R Datasheet HTML 22Page - Renesas Technology Corp P9221-R Datasheet HTML 23Page - Renesas Technology Corp P9221-R Datasheet HTML 24Page - Renesas Technology Corp P9221-R Datasheet HTML 25Page - Renesas Technology Corp P9221-R Datasheet HTML 26Page - Renesas Technology Corp P9221-R Datasheet HTML 27Page - Renesas Technology Corp P9221-R Datasheet HTML 28Page - Renesas Technology Corp P9221-R Datasheet HTML 29Page - Renesas Technology Corp P9221-R Datasheet HTML 30Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 38 page
background image
P9221-R Datasheet
© 2017 Integrated Device Technology, Inc.
26
October 10, 2017
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0034HEX [0]
Current_Limit_Status
R
0BIN
“1” indicates the current limit has been exceeded. In this case,
the P9221-R sends an End Power Transfer (EPT) packet to the
transmitter.
0035HEX [7:0]
Reserved
R
00HEX
Table 13. Interrupt Status Registers
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0036HEX [7]
INT_Vout_Status
R
0BIN
“0” indicates the output voltage has not changed.
“1” indicates the output voltage changed.
0036HEX [6]
Reserved
R
0BIN
0036HEX [5]
Reserved
R
0BIN
0036HEX [4]
Reserved
R
0BIN
0036HEX [3]
Reserved
R
0BIN
0036HEX [2]
INT_OVER_TEMP_Status
R
0BIN
“1” indicates an over-temperature condition exists.
0036HEX [1]
INT_VRECT_OV_Status
R
0BIN
“1” indicates a rectifier over-voltage condition exists.
0036HEX [0]
INT_OC_Limit_Status
R
0
“1” indicates the current limit has been exceeded.
0037HEX [7:0]
Reserved
R
00HEX
Note: If any bit in the Interrupt Status register 36HEX is “1” and the corresponding bit in the Interrupt Enable register 38HEX is set to “1,” the
INT pin will be pulled down indicating an interrupt event has occurred.
Table 14. Interrupt Enable Registers
Address and Bit
Register or Bit Field Name
R/W
Default
Function and Description
0038HEX [7]
Vout_Status_INT_EN
RW
0BIN
“0” disables the INT_Vout_Status interrupt.
"1" enables the interrupt.
0038HEX [6]
Reserved
R
0BIN
0038HEX [5]
Reserved
R
0BIN
0038HEX [4]
Reserved
R
1BIN
0038HEX [3]
Reserved
R
1BIN
0038HEX [2]
OVER_TEMP_INT_EN
R
1BIN
“0” disables the INT_OVER_TEMP interrupt.
"1" enables the interrupt.
0038HEX [1]
VRECT_OV_INT_EN
RW
1BIN
“0” disables the INT_VRECT_OV interrupt.
"1" enables the interrupt.
0038HEX [0]
OC_Limit_Status_INT_EN
RW
1BIN
“0” disables the INT_OC_Limit_Status interrupt.
"1" enables the interrupt.
0039HEX [7:0]
Reserved
RW
00HEX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com