Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 4Page - Renesas Technology Corp P9242-R Datasheet HTML 5Page - Renesas Technology Corp P9242-R Datasheet HTML 6Page - Renesas Technology Corp P9242-R Datasheet HTML 7Page - Renesas Technology Corp P9242-R Datasheet HTML 8Page - Renesas Technology Corp P9242-R Datasheet HTML 9Page - Renesas Technology Corp P9242-R Datasheet HTML 10Page - Renesas Technology Corp P9242-R Datasheet HTML 11Page - Renesas Technology Corp P9242-R Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
8
January 16, 2018
3. Absolute Maximum Ratings
The absolute maximum ratings are stress ratings only. Stresses beyond those listed under “Absolute Maximum Ratings” might cause permanent
damage to the P9242-R. Functional operation of the P9242-R at absolute maximum ratings is not implied. Exposure to absolute maximum
rating conditions for extended periods could affect long-term reliability.
Table 2.
Absolute Maximum Ratings
Pins[a]
Rating[b]
Units
EN, VIN, SW_S, VBRG_IN, SW_BRG1, SW_BRG2, CSP, CSN, BST_BRG1, BST_BRG2, GH_BRG1,
GH_BRG2
-0.3 to 28
V
PREG, LDO33, VIN_LDO, LED1, LED2, VDDIO, SCL, SDA, ILIM/FOD, LED/Q-Fact, VCOIL, TS, BUZR,
OVP_CTL, Q_DRV1, Q_DRV2, GL_BRG1, GL_BRG2, VDEM1, IDEMI, ISNS_OUT, DRV_VIN
-0.3 to 6
V
LDO18
-0.3 to 2
V
[a] Absolute maximum ratings are not provided for reserved pins (RSV). These pins are not used in the application.
[b] All voltages are referred to ground unless otherwise noted. All GND pins and the exposed pad (EP) connected together.
Table 3.
Package Thermal Information
Symbol
Description
VFQFN Rating
Units
JA
Thermal Resistance Junction to Ambient[a], [b], [c]
27.2
C/W
JC
Thermal Resistance Junction to Case [b], [c]
18.8
C/W
JB
Thermal Resistance Junction to Board[b], [c]
1.36
C/W
TJ
Operating Junction Temperature[a], [b]
-40 to +125
C
TA
Ambient Operating Temperature[a], [b]
-40 to +85
C
TSTG
Storage Temperature
-55 to +150
C
TLEAD
Lead Temperature (soldering, 10s)
+300
C
[a] The maximum power dissipation is PD(MAX) = (TJ(MAX) - TA) / θJA where TJ(MAX) is 125°C. Exceeding the maximum allowable power dissipation will
result in excessive die temperature, and the device will enter thermal shutdown.
[b] This thermal rating was calculated on a JEDEC 51-standard 4-layer board with the dimensions 76.2 x 114.3 mm in still air conditions.
[c] Actual thermal resistance is affected by PCB size, solder joint quality, layer count, copper thickness, air flow, altitude, and other unlisted
variables.
Table 4.
ESD Information
Test Model
Pins
Ratings
Units
HBM
All pins
±2000
V
CDM
All pins
±500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com