Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 29 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 29 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 25Page - Renesas Technology Corp P9242-R Datasheet HTML 26Page - Renesas Technology Corp P9242-R Datasheet HTML 27Page - Renesas Technology Corp P9242-R Datasheet HTML 28Page - Renesas Technology Corp P9242-R Datasheet HTML 29Page - Renesas Technology Corp P9242-R Datasheet HTML 30Page - Renesas Technology Corp P9242-R Datasheet HTML 31Page - Renesas Technology Corp P9242-R Datasheet HTML 32Page - Renesas Technology Corp P9242-R Datasheet HTML 33Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
29
January 16, 2018
11. Application Information
11.1 Power Dissipation and Thermal Requirements
The P9242-R is offered in a 48-VFQFN package that has a maximum power dissipation capability of about 1.47W. The maximum power
dissipation of the package is determined by the number of thermal vias between the package and the printed circuit board (PCB). The maximum
power dissipation of the package is defined by the die’s specified maximum operating junction temperature, TJ(MAX) of 125°C. The junction
temperature rises when the heat generated by the device’s power dissipation flow is impeded by the package-to-PCB thermal resistance.
The VFQFN package offers a typical thermal resistance, junction to ambient (θJA), of 27.2°C/W when the PCB layout design is optimized as
described in the P9242-R Layout Guide document. The techniques noted in the PCB layout section must be followed when designing the printed
circuit board layout. Attention to the placement of the P9242-R and bridge FET packages in proximity to other heat-generating devices in a
given application design should also be considered. The ambient temperature around the power IC will also have an effect on the thermal limits
of an application. The main factors influencing θJA (in the order of decreasing influence) are PCB characteristics, die/package attached thermal
pad size (VFQFN) and thermal vias, and the final system hardware construction. Board designers should keep in mind that the package thermal
metric θJA is impacted by the characteristics of the PCB. Changing the design or configuration of the PCB changes the overall thermal resistivity
and the board’s heat-sinking efficiency.
Three basic approaches for enhancing thermal performance are listed below:
Improving the power dissipation capability of the PCB design.
Improving the thermal coupling of the component to the PCB.
Introducing airflow into the system.
First, the maximum power dissipation for a given situation should be calculated using Equation 2:
PD(MAX) =
TJ(MAX) – TA
θJA
Equation 2
Where
PD(MAX) = Maximum power dissipation
θJA = Package thermal resistance (°C/W)
TJ(MAX) = Maximum device junction temperature (°C)
TA = Ambient temperature (°C)
The maximum recommended operating junction temperature (TJ(MAX)) for the P9242-R is 125°C. The thermal resistance of the 48-pin VFQFN
package (NDG48) is optimally θJA=27.2°C/W. Operation is specified to a maximum steady-state ambient temperature (TA) of 85°C. Therefore,
the maximum recommended power dissipation is given by the following equation:
PD(Max) = (125°C - 85°C) / 27.2°C/W ≅ 1.47 Watt
All the previously mentioned thermal resistances are the values found when the P9242-R is mounted on a standard board of the dimensions
and characteristics specified by the JEDEC 51 standard.
11.2 Recommended Coils
Table 21. Recommended Coil Manufactures
Output Power
Vendor
Part number
Inductance at 100kHz
DCR at 20°C
15W
SUNLORD
SWA53N53H30C11B
10μH
50mΩ
15W
TDK
WT525225-12F2-MA2-G
10.6μH
40mΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com