Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 17Page - Renesas Technology Corp P9242-R Datasheet HTML 18Page - Renesas Technology Corp P9242-R Datasheet HTML 19Page - Renesas Technology Corp P9242-R Datasheet HTML 20Page - Renesas Technology Corp P9242-R Datasheet HTML 21Page - Renesas Technology Corp P9242-R Datasheet HTML 22Page - Renesas Technology Corp P9242-R Datasheet HTML 23Page - Renesas Technology Corp P9242-R Datasheet HTML 24Page - Renesas Technology Corp P9242-R Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
21
January 16, 2018
8. Wireless Communication Interface
8.1 Modulation/Communication
The WPC-1.2 extended power profile specification uses two-way communication for power transfer: receiver-to-transmitter and transmitter-to
receiver.
Receiver-to-transmitter communication is accomplished by modulating the load seen by the receiver's coil; the communication is purely digital
and symbols 1’s and 0’s carried on the power signal. Modulation is done with amplitude-shift keying (ASK) modulation using with a bit-rate of
2Kbps. To the transmitter, this appears as an impedance change, which results in measurable variations of the transmitter’s coil. The power
transmitter demodulates this variation of the coil current or voltage to receive the packets.
Transmitter-to-receiver communication is accomplished by frequency-shift keying (FSK) modulation over the power signal frequency. The power
transmitter P9242-R has the means to modulate FSK data from the power signal frequency and use it in order to establish the handshaking
protocol with the power receiver.
The P9242-R implements FSK communication when used in conjunction with WPC-compliant receivers, such as the P9221-R. The FSK
communication protocol allows the transmitter to send data to the receiver using the power transfer link in the form of modulating the power
transfer signal. This modulation appears in the form of a change in the base operating frequency (fOP) to the modulated operating frequency
(fMOD) in periods of 256 consecutive cycles. Equation 1 should be used to compute the modulated frequency based on any given operating
frequency.
Communication packets are transmitted from transmitter to receiver with less than 1% positive frequency deviation following any receiver-to-
transmitter communication packet. The frequency deviation is calculated using Equation 1.
fMOD =
60000
60000
fOP
– 3
[KHz]
Equation 1
Where fMOD is the change in frequency in the power signal frequency; fOP is the base operating frequency of power transfer; and 60,000kHz is
the frequency of the internal oscillator responsible for counting the period of the power transfer signal.
The FSK byte-encoding scheme and packet structure complies with the WPC specification revision 1.2. The FSK communication uses a
bi-phase encoding scheme to modulate data bits into the power transfer signal. The start bit will consist of 512 consecutive fMOD cycles (or logic
‘0’). A logic ‘1’ value will be sent by sending 256 consecutive fOP cycles followed by 256 fMOD cycles or vice versa, and a logic ‘0’ is sent by
sending 512 consecutive fMOD or fOP cycles.
Figure 18. Example of Differential Bi-phase Encoding for FSK
tCLK = 256/fOP
ONE
ZERO
ONE
ZERO
ONE
ONE
ZERO
ZERO
512 cycles
256 cycles
Each byte will comply with the start, data, parity, and stop asynchronous serial format structure shown in Figure 19:
Figure 19. Example of Asynchronous Serial Byte Format for FSK
Start
Stop
Parity
b01
2
3
4
5
6
7
b
bbbb
b
b



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com