Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 13Page - Renesas Technology Corp P9242-R Datasheet HTML 14Page - Renesas Technology Corp P9242-R Datasheet HTML 15Page - Renesas Technology Corp P9242-R Datasheet HTML 16Page - Renesas Technology Corp P9242-R Datasheet HTML 17Page - Renesas Technology Corp P9242-R Datasheet HTML 18Page - Renesas Technology Corp P9242-R Datasheet HTML 19Page - Renesas Technology Corp P9242-R Datasheet HTML 20Page - Renesas Technology Corp P9242-R Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
17
January 16, 2018
7.7 Thermal Protection
The P9242-R integrates thermal shutdown circuitry to prevent damage resulting from excessive thermal stress that may be encountered under
fault conditions. This circuitry will shut down or reset the P9242-R if the die temperature exceeds a threshold to prevent damage resulting from
excessive thermal stress that might be encountered under fault conditions. An internal temperature protection block is enabled in the P9242-R
that monitors the temperature inside the chip. If the die temperature exceeds 140°C, the chip shuts down and resumes when the internal
temperature drops below 120°C.
7.8 External Temperature Sensing – TS
The P9242-R has a temperature sensor input, TS, which can be used to monitor an external temperature by using a thermistor. The built-in
comparator’s reference voltage was chosen to be 0.6V in the P9242-R, and it is used for monitoring the voltage level on the TS pin.
Figure 16. NTC Thermistor Connection to TS Pin
C1
LDO33
TS
P9242-R
ADC
To disable the thermistor, the TS pin should be connected to the LDO33 pin. Do not leave the TS pin floating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com