Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 14Page - Renesas Technology Corp P9242-R Datasheet HTML 15Page - Renesas Technology Corp P9242-R Datasheet HTML 16Page - Renesas Technology Corp P9242-R Datasheet HTML 17Page - Renesas Technology Corp P9242-R Datasheet HTML 18Page - Renesas Technology Corp P9242-R Datasheet HTML 19Page - Renesas Technology Corp P9242-R Datasheet HTML 20Page - Renesas Technology Corp P9242-R Datasheet HTML 21Page - Renesas Technology Corp P9242-R Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
18
January 16, 2018
7.9 Q-Factor and LED Pattern Selection – LED/Q-Fact Pin
The P9242-R uses two LEDs to indicate the power transfer status, faults, and operating modes depending on the voltage level at the LED/Q-Fact
pin. In addition, this pin enables or disables the Q-factor used for FOD (see section 7.1). The LEDs are connected to the LED1 and LED2 pins
as shown in the typical application schematic in Figure 25. The LED pattern can be selected and the Q-factor can be enabled or disabled by
the voltage on the LED/Q-Fact pin as determined by the resistor divider R43 and R44 as shown in Figure 25.
Table 9.
Resistors for Setting the LED Pattern and Enabling/Disabling the Q-factor Detection for FOD
Q-Factor
Detection
Option
LED/Q-Fact
Pin Voltage
R43
[kΩ]
R44
[kΩ]
LED1/LED2 Pin
Status
Standby
Transfer
Complete
Fault
Enabled
1
Pull-Down
Open
10
LED2
Off
On
Off
Off
LED1
Off
Off
Off
Blink 4Hz
2
0.225V
10
0.732
LED2
On
On
Off
Off
LED1
On
Off
Off
Blink 4Hz
3
0.375V
10
1.27
LED2
Off
Blink 1Hz
On
Blink 4Hz
LED1
Off
Off
Off
Off
4
0.525V
10
1.87
LED2
Off
On
Off
Blink 4Hz
LED1
Off
Off
Off
Off
5
0.675V
10
2.55
LED2
On
Blink 1Hz
On
Off
LED1
On
Off
Off
Blink 4Hz
6
0.825V
10
3.32
LED2
Off
Off
On
Off
LED1
Off
On
Off
Blink 4Hz
7
Pull-Up
10
Open
LED2
Off
Blink 1Hz
On
Off
LED1
Off
Off
Off
Blink 4Hz
Disabled
1
1.125
10
5.11
LED2
Off
On
Off
Off
LED1
Off
Off
Off
Blink 4Hz
2
1.275
10
6.34
LED2
On
On
Off
Off
LED1
On
Off
Off
Blink 4Hz
3
1.425
10
7.68
LED2
Off
Blink 1Hz
On
Blink 4Hz
LED1
Off
Off
Off
Off
4
1.575
10
9.09
LED2
Off
On
Off
Blink 4Hz
LED1
Off
Off
Off
Off
5
1.725
10
11
LED2
On
Blink 1Hz
On
Off
LED1
On
Off
Off
Blink 4Hz
6
1.875
10
13
LED2
Off
Off
On
Off
LED1
Off
On
Off
Blink 4Hz
7
2.025
10
15.8
LED2
Off
Blink 1Hz
On
Off
LED1
Off
Off
Off
Blink 4Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com