Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P9242-R Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # P9242-R
Description  Wireless Power Transmitter for 15W Applications
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

P9242-R Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button P9242-R Datasheet HTML 9Page - Renesas Technology Corp P9242-R Datasheet HTML 10Page - Renesas Technology Corp P9242-R Datasheet HTML 11Page - Renesas Technology Corp P9242-R Datasheet HTML 12Page - Renesas Technology Corp P9242-R Datasheet HTML 13Page - Renesas Technology Corp P9242-R Datasheet HTML 14Page - Renesas Technology Corp P9242-R Datasheet HTML 15Page - Renesas Technology Corp P9242-R Datasheet HTML 16Page - Renesas Technology Corp P9242-R Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 38 page
background image
P9242-R Datasheet
© 2018 Integrated Device Technology, Inc
13
January 16, 2018
6. Function Block Diagram
Figure 13. Functional Block Diagram
32-bit ARM
Processor
SCL
SDA
BST_BRG1
GH_BRG1
SW_BRG1
GL_BRG1
BST_BRG2
GH_BRG2
SW_BRG2
GL_BRG2
ASK
Decoder
VBRG_IN
DRV_VIN
DATA
OTP
DATA
SRAM
I2C
5V
Buck
LDO33
PREG
LDO18
LDO5V
SW_S
VIN_LDO
LDO33
LDO18
5V
3.3V
1.8V
GND
LED1
LED2
OSC
TS
ILIM/FOD
LED/Q-Fact
VCOIL
BUZR
12
MUX
OVP_CTL
Q_DRV1
Q_DRV2
EP
VDDIO
I/O
Module
RSV
EN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com